Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME7107 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME7107
Description  3-1/2 Digit A/D Converter High Accuracy, Low Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7107 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME7107 Datasheet HTML 1Page - Analog Microelectronics AME7107 Datasheet HTML 2Page - Analog Microelectronics AME7107 Datasheet HTML 3Page - Analog Microelectronics AME7107 Datasheet HTML 4Page - Analog Microelectronics AME7107 Datasheet HTML 5Page - Analog Microelectronics AME7107 Datasheet HTML 6Page - Analog Microelectronics AME7107 Datasheet HTML 7Page - Analog Microelectronics AME7107 Datasheet HTML 8Page - Analog Microelectronics AME7107 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AME, Inc.
2
AME7106/AME7106A/AME7106R
AME7107/AME7107A/AME7107R
3-1/2 Digit A/D Converter
High Accuracy, Low Power
n
n
n
n
n Absolute Maximum Ratings
AME7106
AME7107
Static sensitive device. Unused devices must be stored in the conductive material.
Protect device from static discharge and static field. Stresses exceed the above Absolute Maximum
Ratings may cause permanent damage to the device. Exposure to Absolute Maximum Rating Con-
ditions for extended periods may affect the reliability of the device.
Supply Voltage (V+ to V-)
12V
Analog Input Voltage (Either inputs)
V+ TO V-
Reference Input Voltage (Either inputs)
V+ TO V-
Clock Input
Test to V+
Power Dissipation
800mW
Operating Temperature
0
oC to 70oC
Storage Temperature
-55
oC to 150oC
Lead Temperature (Soldering 60 seconds)
300
oC
Supply Voltage
V+
6V
V-
-6V
Analog Input Voltage (Either inputs)
V+ to V-
Reference Input Voltage (Either inputs)
V+ to V-
Clock Input
Gnd to V+
Power Dissipation
800mW
Operating Temperature
0
oC to 70oC
Storage Temperature
-55
oC to 150oC
Lead Temperature (Soldering 60 seconds)
300
oC


Similar Part No. - AME7107

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com