Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CLSVIG Datasheet(PDF) 8 Page - Winbond

Part # W25X05CLSVIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLSVIG Datasheet(HTML) 8 Page - Winbond

Back Button W25X05CLSVIG Datasheet HTML 4Page - Winbond W25X05CLSVIG Datasheet HTML 5Page - Winbond W25X05CLSVIG Datasheet HTML 6Page - Winbond W25X05CLSVIG Datasheet HTML 7Page - Winbond W25X05CLSVIG Datasheet HTML 8Page - Winbond W25X05CLSVIG Datasheet HTML 9Page - Winbond W25X05CLSVIG Datasheet HTML 10Page - Winbond W25X05CLSVIG Datasheet HTML 11Page - Winbond W25X05CLSVIG Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 8 -
Revision B
7.
FUNCTIONAL DESCRIPTION
7.1
SPI OPERATIONS
7.1.1 Standard SPI Instructions
The W25X05CL/10CL/20CL are accessed through an SPI compatible bus consisting of four signals:
Serial Clock (CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard
SPI instructions use the DI input pin to serially write instructions, addresses or data to the device on
the rising edge of CLK. The DO output pin is used to read data or status from the device on the falling
edge CLK.
SPI bus operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0
and Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and
data is not being transferred to the Serial Flash. For Mode 0 the CLK signal is normally low on the
falling and rising edges of /CS. For Mode 3 the CLK signal is normally high on the falling and rising
edges of /CS.
7.1.2 Dual SPI Instructions
The W25X05CL/10CL/20CL
support Dual SPI operation when using the “Fast Read Dual Output (3Bh)”
and “Fast Read Dual I/O (BBh)” instructions. These instructions allow data to be transferred to or from
the device at two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read
instructions are ideal for quickly downloading code to RAM upon power-up (code-shadowing) or for
executing non-speed-critical code directly from the SPI bus (XIP). When using Dual SPI instructions,
the DI and DO pins become bidirectional I/O pins: IO0 and IO1.
7.1.3 Hold Function
The /HOLD signal allows the W25X05CL/10CL/20CL operation to be paused while it is actively
selected (when /CS is low). The /HOLD function may be useful in cases where the SPI data and clock
signals are shared with other devices. For example, consider if the page buffer was only partially
written when a priority interrupt requires use of the SPI bus. In this case the /HOLD function can save
the state of the instruction and the data in the buffer so programming can resume where it left off once
the bus is available again.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will
activate on the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not
already low the /HOLD condition will activate after the next falling edge of CLK. The /HOLD condition
will terminate on the rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not
already low the /HOLD condition will terminate after the next falling edge of CLK.
During a /HOLD condition, the Serial Data Output (DO) is high impedance, and Serial Data
Input/Output (DIO) and Serial Clock (CLK) are ignored. The Chip Select (/CS) signal should be kept
active (low) for the full duration of the /HOLD operation to avoid resetting the internal logic state of the
device.


Similar Part No. - W25X05CLSVIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X05CLSVIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CL WINBOND-W25X40CL Datasheet
1Mb / 53P
   2.5/3/3.3 V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com