Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4207-Y Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC4207-Y
Description  Audio Frequency General Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4207-Y Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC4207-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SC4207-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SC4207-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SC4207-Y Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4207
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
μA
DC current gain
hFE
(Note 2)
VCE = 6 V, IC = 2 mA
120
700
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
0.1
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
80
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
2
3.5
pF
Note 2: hFE classification Y (Y): 120~240, GR (G): 200~400, BL (L): 350~700
( ) marking symbol


Similar Part No. - 2SC4207-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4207 TOSHIBA-2SC4207 Datasheet
417Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4207-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com