Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4207-G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4207-G
Description  Audio Frequency General Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4207-G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4207-G Datasheet HTML 1Page - Toshiba Semiconductor 2SC4207-G Datasheet HTML 2Page - Toshiba Semiconductor 2SC4207-G Datasheet HTML 3Page - Toshiba Semiconductor 2SC4207-G Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4207
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4207
Audio Frequency General Purpose Amplifier Applications
• Small package (dual type)
• High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
• High hFE: hFE = 120~700
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• Complementary to 2SA1618
Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
30
mA
Collector power dissipation
PC
(Note 1)
300
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total rating
Marking
Equivalent Circuit (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3L1A
Weight: 0.014 g (typ.)


Similar Part No. - 2SC4207-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4207 TOSHIBA-2SC4207 Datasheet
417Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4207-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com