Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8510 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8510
Description  Micropower uP Watch Dog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8510 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8510 Datasheet HTML 1Page - Analog Microelectronics AME8510 Datasheet HTML 2Page - Analog Microelectronics AME8510 Datasheet HTML 3Page - Analog Microelectronics AME8510 Datasheet HTML 4Page - Analog Microelectronics AME8510 Datasheet HTML 5Page - Analog Microelectronics AME8510 Datasheet HTML 6Page - Analog Microelectronics AME8510 Datasheet HTML 7Page - Analog Microelectronics AME8510 Datasheet HTML 8Page - Analog Microelectronics AME8510 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AME, Inc.
5
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8530 x x x x x x x x
Output Driver Option
Reset Time (T
D2NOM)
VDD Threshold Voltage (V
TH)
A: 1. Reset/
E: -40OC to 85OC E: SOT-2X
V: 5
F: TD= 210ms E: 1760 ms 22: VTH= 2.19V L: Low profile
ResetB
A: RESETB/PP
X:
23: VTH= 2.32V Y: Lead free &
2. GND
B: RESETB/OD
26: VTH= 2.63V
Low profile
3. Reset/
C: RESET/PP
29: VTH= 2.93V Z: Lead free
ResetB
D: RESET/OD
31: VTH= 3.08V
4. MRB
E: RESETB/PP
44: VTH= 4.38V
5. VDD
F: RESETB/PP
46: VTH= 4.63V
G: RESETB/OD
H: RESETB/OD
I: RESET/PP
J: RESET/PP
K: RESET/OD
L: RESET/OD
E: RESET/PP
F: RESET/OD
G: RESET/PP
H: RESET/OD
I: RESETB/PP
J: RESETB/OD
K: RESETB/PP
L: RESETB/OD
(RESET = Act ive High)
(RESETB = Active Low)
(PP = Push pull out )
Pin
Configuration
Operating
Temperature
Range
Reset Time
(TD2NOM)
VDD
Threshold
Voltage (VTH)
Output Driver
Option
Number
of
Pins
Special
Feature
PIN1
PIN3
Package
Type
Watch
Dog
Interval
without
WDI
option
(OD = Open drain out put
polarit y)


Similar Part No. - AME8510

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8510AEEVAFE26 AME-AME8510AEEVAFE26 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8510AEEVAFE29 AME-AME8510AEEVAFE29 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8510AEEVAFE31 AME-AME8510AEEVAFE31 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8510AEEVBDD29 AME-AME8510AEEVBDD29 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
More results

Similar Description - AME8510

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com