Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8520 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8520
Description  Micropower uP Watch Dog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8520 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8520 Datasheet HTML 1Page - Analog Microelectronics AME8520 Datasheet HTML 2Page - Analog Microelectronics AME8520 Datasheet HTML 3Page - Analog Microelectronics AME8520 Datasheet HTML 4Page - Analog Microelectronics AME8520 Datasheet HTML 5Page - Analog Microelectronics AME8520 Datasheet HTML 6Page - Analog Microelectronics AME8520 Datasheet HTML 7Page - Analog Microelectronics AME8520 Datasheet HTML 8Page - Analog Microelectronics AME8520 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AME, Inc.
3
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8510 x x x x x x x x
Output Driver Option
Reset Time (T
D2NOM)
VDD Threshold Voltage (V
TH)
A: 1. Reset/
E: -40OC to 85OC E: SOT-2X
V: 5
F: TD= 210ms E: 1760 ms 22: VTH= 2.19V L: Low profile
ResetB
A: RESETB/PP
X:
23: VTH= 2.32V Y: Lead free &
2. GND
B: RESETB/OD
26: VTH= 2.63V
Low profile
3. MRB
C: RESET/PP
29: VTH= 2.93V Z: Lead free
4. WDI
D: RESET/OD
31: VTH= 3.08V
5. VDD
E: RESETB/PP
44: VTH= 4.38V
F: RESETB/PP
46: VTH= 4.63V
G: RESETB/OD
H: RESETB/OD
I: RESET/PP
J: RESET/PP
K: RESET/OD
L: RESET/OD
E: RESET/PP
F: RESET/OD
G: RESET/PP
H: RESET/OD
I: RESETB/PP
J: RESETB/OD
K: RESETB/PP
L: RESETB/OD
(RESET = Active High)
(RESETB = Active Low)
(PP = Push pull out)
Special
Feature
PIN1
PIN3
Package
Type
Number
of
Pins
Wach Dog
Interval
without
WDI
option
(OD = Open drain output
polarity)
Pin
Configuration
Operating
Temperature
Range
Reset Time
(TD2NOM)
VDD
Threshold
Voltage (VTH)
Output Driver
Option


Similar Part No. - AME8520

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8520 AME-AME8520 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE26 AME-AME8520AEEVEFE26 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE29 AME-AME8520AEEVEFE29 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE31 AME-AME8520AEEVEFE31 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE44 AME-AME8520AEEVEFE44 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
More results

Similar Description - AME8520

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com