Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS328DQ Datasheet(PDF) 11 Page - STMicroelectronics

Part # AIS328DQ
Description  High-performance ultra low-power 3-axis accelerometer
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS328DQ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AIS328DQ Datasheet HTML 7Page - STMicroelectronics AIS328DQ Datasheet HTML 8Page - STMicroelectronics AIS328DQ Datasheet HTML 9Page - STMicroelectronics AIS328DQ Datasheet HTML 10Page - STMicroelectronics AIS328DQ Datasheet HTML 11Page - STMicroelectronics AIS328DQ Datasheet HTML 12Page - STMicroelectronics AIS328DQ Datasheet HTML 13Page - STMicroelectronics AIS328DQ Datasheet HTML 14Page - STMicroelectronics AIS328DQ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AIS328DQ
Mechanical and electrical specifications
Doc ID 18160 Rev 3
11/43
2.3
Communication interface characteristics
2.3.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
BW
System bandwidth
ODR/2
Hz
Ton
Turn-on time(3)
ODR = 100 Hz
0.9/ODR
+1 ms
1/ODR+1 ms
1.1/ODR
+1 ms
s
Top
Operating temperature range
-40
+105
°C
1.
Typical values are not guaranteed.
2.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses; in this condition the
measurement chain is powered off.
3.
Time to obtain valid data after exiting power-down mode.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ(1).Max.
Unit
Table 5.
SPI slave timing values
Symbol
Parameter
Value (1)
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
9
tdis(SO)
SDO output disable time
50


Similar Part No. - AIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS326DQTR STMICROELECTRONICS-AIS326DQTR Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
More results

Similar Description - AIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
   High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 3
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
   ultra low-power high performance 3-axes ?쐍ano??accelerometer
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com