Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX125FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LVX125FT
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX125FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX125FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX125FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74LVX125F/FT
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.8
10.1
1.0
13.5
tpLH
2.7
50
8.3
13.6
1.0
17.0
15
4.4
6.2
1.0
8.5
Propagation delay time
tpHL
3.3
± 0.3
50
6.9
9.7
1.0
12.0
ns
15
5.3
9.3
1.0
12.5
tpZL
2.7
50
7.8
12.8
1.0
16.0
15
4.0
5.6
1.0
7.5
Output enable time
tpZH
RL = 1 kΩ
3.3
± 0.3
50
6.5
9.1
1.0
11.0
ns
tpLZ
2.7
50
10.0
15.7
1.0
19.0
Output disable time
tpHZ
RL = 1 kΩ
3.3
± 0.3
50
8.3
11.2
1.0
13.0
ns
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation capacitance
CPD
(Note 3)
14
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per bit)
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum
dynamic
VOL
VOLP
3.3
0.3
0.5
V
Quiet output minimum
dynamic
VOL
VOLV
3.3
−0.3
−0.5
V
Minimum high level dynamic
input voltage
VIH
VIHD
3.3
2.0
V
Maximum low level dynamic
input voltage
VIL
VILD
3.3
0.8
V
Input Equivalent Circuit
INPUT


Similar Part No. - TC74LVX125FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX125FT TOSHIBA-TC74LVX125FT Datasheet
250Kb / 8P
   QUAD BUS BUFFER
TC74LVX125FT TOSHIBA-TC74LVX125FT Datasheet
236Kb / 8P
   Quad Bus Buffer
TC74LVX125FT TOSHIBA-TC74LVX125FT_12 Datasheet
190Kb / 7P
   Quad Bus Buffer
More results

Similar Description - TC74LVX125FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com