Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-188 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BZW04-188
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW04-188 Datasheet(HTML) 3 Page - STMicroelectronics

  BZW04-188 Datasheet HTML 1Page - STMicroelectronics BZW04-188 Datasheet HTML 2Page - STMicroelectronics BZW04-188 Datasheet HTML 3Page - STMicroelectronics BZW04-188 Datasheet HTML 4Page - STMicroelectronics BZW04-188 Datasheet HTML 5Page - STMicroelectronics BZW04-188 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZW04-xx
3/6
Types
IRM @VRM
VBR @IR
VCL @IPP
VCL @IPP
αTC
min
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
V
mA
VAVA
10
-4/°C
pF
BZW04-273
BZW04-273B
1
273
304
1
438
1.2
564
4.0
11.0
85
BZW04-299
BZW04-299B
1
299
332
1
482
0.9
618
3.7
11.0
80
BZW04-342
BZW04-342B
1
342
380
1
548
0.9
706
3.2
11.0
75
BZW04-376
BZW04-376B
1
376
418
1
603
0.8
776
3.0
11.0
70
Note 2 :
Pulse test: tp <50ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C)
Note 4 :
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2
Fig. 1: Peak pulse power dissipation versus initial
junction temperature (printed circuit board).
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100


Similar Part No. - BZW04-188

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-188 STMICROELECTRONICS-BZW04-188 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-188 TAYCHIPST-BZW04-188 Datasheet
3Mb / 3P
   Voltage regulator dides
logo
EIC discrete Semiconduc...
BZW04-188 EIC-BZW04-188 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04-188 TAYCHIPST-BZW04-188 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
General Semiconductor
BZW04-188 GE-BZW04-188 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-188

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com