Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2EF135 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR2EF135
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EF135 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR2EF135 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 10Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
7
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
Output current IOUT (mA)
Input voltage VIN (V)
Input voltage VIN (V)
Output current IOUT (mA)
Input voltage VIN (V)
Input voltage VIN (V)
VIN = 2.2 V,
CIN = 0.1 μF, COUT = 1 μF
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
VOUT=1.2V
VOUT=1.8V
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
CIN = 0.1 μF, COUT = 1 μF
CIN = 0.1 μF, COUT = 1 μF
VOUT=3.0V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA


Similar Part No. - TCR2EF135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF135 TOSHIBA-TCR2EF135 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EF135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com