Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2EF135 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR2EF135
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EF135 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR2EF135 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EF135 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
2
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
200
(Note1)
SMV
580
(Note 2)
150
(Note 1)
Power dissipation
PD
ESV
320
(Note 3)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Rating
Note 2: Rating at mounting on a board
(FR4 board: 25.4 mm
× 25.4 mm × 1.6 mm)
Note 3: Rating at mounting on a board
(FR4 board dimension: 30 mm
× 30 mm × 0.8 mm)
Pin Assignment (top view)
SMV(SOT-25)(SC-74A)
ESV(SOT-553)
VOUT
CONTROL
GND
NC
VIN
13
2
4
5
VOUT
CONTROL
GND
NC
VIN
1
3
2
4
5


Similar Part No. - TCR2EF135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF135 TOSHIBA-TCR2EF135 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EF135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com