Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB42N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB42N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB42N65M5 Datasheet HTML 3Page - STMicroelectronics STB42N65M5 Datasheet HTML 4Page - STMicroelectronics STB42N65M5 Datasheet HTML 5Page - STMicroelectronics STB42N65M5 Datasheet HTML 6Page - STMicroelectronics STB42N65M5 Datasheet HTML 7Page - STMicroelectronics STB42N65M5 Datasheet HTML 8Page - STMicroelectronics STB42N65M5 Datasheet HTML 9Page - STMicroelectronics STB42N65M5 Datasheet HTML 10Page - STMicroelectronics STB42N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STx42N65M5
Electrical characteristics
Doc ID 15317 Rev 3
7/18
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Gate charge vs gate-source voltage Figure 11. Static drain-source on resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
30
20
10
0
0
10
VDS(V)
(A)
5
15
40
VGS=10V
6V
6.5V
7V
7.5V
8V
70
60
50
80
AM01589v1
ID
40
30
20
0
4
VGS(V)
6
(A)
3
5
9
50
60
10
70
80
VDS=20V
7
8
AM01590v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=520V
VGS=10V
ID=16.5A
100 120
300
200
100
0
400
500
VGS
VDS
VDS
(V)
AM01569v1
RDS(on)
0.072
0.070
0.068
0.066
0
20
ID(A)
(
Ω)
10
30
0.074
0.076
0.064
VGS=10V
AM01568v1
C
1000
100
10
1
10
VDS(V)
(pF)
100
10000
Ciss
Coss
Crss
1
AM01570v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500
600
14
16
AM03231v1


Similar Part No. - STB42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
logo
Inchange Semiconductor ...
STB42N65M5 ISC-STB42N65M5 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com