Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-13B Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW04-13B
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW04-13B Datasheet(HTML) 5 Page - STMicroelectronics

  BZW04-13B Datasheet HTML 1Page - STMicroelectronics BZW04-13B Datasheet HTML 2Page - STMicroelectronics BZW04-13B Datasheet HTML 3Page - STMicroelectronics BZW04-13B Datasheet HTML 4Page - STMicroelectronics BZW04-13B Datasheet HTML 5Page - STMicroelectronics BZW04-13B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BZW04-xx
5/6
0.01
0.1
1
10
100
1000
1
10
100
Zth (j-a) ( C/W)
°
tp(s)
Fig. 6: Transient thermal impedance junction ambi-
ent versus pulse duration (For FR4 PC Board
with L lead = 10mm).
Fig. 5: Peak forward voltage drop versus peak forward
current (typical values for unidirectional types).
Note : Multiply by 2 for units with VBR > 220V.
C (pF)
110
100
10
100
1000
10000
BZW04 - 13B
BZW04 - 5V8B
BZW04 - 58B
BZW04 - 171B
BZW04 - 342B
BZW04 - 26B
V(V)
R
Tj = 25øC
f=1MHz
°
Fig. 4b: Capacitance versus reverse applied
voltage for bidirectional types (typical values).
C (pF)
1
10
100
1
10
100
1000
10000
BZW04 13
BZW04 5V8
BZW04 58
BZW04 171
BZW04 342
BZW04 26
V(V)
R
Tj = 25øC
f=1 MHz
-
-
-
-
-
-
Fig. 4a: Capacitance versus reverse applied
voltage for unidirectional types (typical values).
Fig. 7 : Relative variation of leakage current
versus junction temperature.


Similar Part No. - BZW04-13B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-13B STMICROELECTRONICS-BZW04-13B Datasheet
130Kb / 6P
   TRANSIL
logo
DB Lectro Inc
BZW04-13B DBLECTRO-BZW04-13B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-13B BILIN-BZW04-13B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-13B VISHAY-BZW04-13B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-13B MDE-BZW04-13B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-13B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com