Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDDFN10-3304N Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDDFN10-3304N
Description  TVS/Steering Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-3304N Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDDFN10-3304N Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-3304N Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-3304N Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-3304N Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDDFN10-3304N - TVS/Steering Diode Array
Product Dimensions
Pin Out
This is a molded DFN10 package with lead free Nickel-Paladium-
Gold (Ni/Pd/Au) on the lead frame. It has a flammability rating of
UL 94V-0.
Recommended Footprint
How to Order
CD DFN10 - 33 04 N
Common Diode
Chip Diode
Package
DFN10 = DFN-10 Package
Working Peak Voltage
33 = 3.3 VRWM (Volts)
Number of Lines
04 = 4 Data Lines
Suffix
N = Low Capacitance
Typical Part Marking
CDDFN10-3304N ........................................................................334
DIMENSIONS:
MM
(INCHES)
Pin
Function
1
I/O
2
N.C.
3
I/O
4
N.C.
5VCC
6
N.C.
7
I/O
8
N.C.
9
I/O
10
N.C.
GND
GROUND
2.45 - 2.55
(0.096 - 0.100)
PIN 1
INDICATOR
PIN 1
2.45 - 2.55
(0.096 - 0.100)
2.10 - 2.20
(0.083 - 0.087)
1.85 - 1.95
(0.073 - 0.077)
0.50
(0.020)
0.2
(.008)
R
0.50 - 0.60
(0.020 - 0.024)
0.152
(0.006)
1.15 - 1.25
(0.045 - 0.049)
0.35 - 0.45
(0.014 - 0.018)
0.20 - 0.30
(0.008 - 0.012)
2.05
(.081)
1.26
(.050)
3.15
(.124)
1.85
(.073)
2.50
(.100)
0.50
(.020)
0.65
(.026)
0.30
(.012)


Similar Part No. - CDDFN10-3304N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
More results

Similar Description - CDDFN10-3304N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN-6-0504P BOURNS-CDDFN-6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com