Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5719PHP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5719PHP
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5719PHP Datasheet(HTML) 5 Page - Texas Instruments

  TAS5719PHP Datasheet HTML 1Page - Texas Instruments TAS5719PHP Datasheet HTML 2Page - Texas Instruments TAS5719PHP Datasheet HTML 3Page - Texas Instruments TAS5719PHP Datasheet HTML 4Page - Texas Instruments TAS5719PHP Datasheet HTML 5Page - Texas Instruments TAS5719PHP Datasheet HTML 6Page - Texas Instruments TAS5719PHP Datasheet HTML 7Page - Texas Instruments TAS5719PHP Datasheet HTML 8Page - Texas Instruments TAS5719PHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
CPN
CPP
PLL_FLTP
VR_ANA
HPVDD
AVSS
PLL_FLTM
HPR_IN
HPVSS
HPL_OUT
HPL_IN
RESET
HPR_OUT
STEST
DVDD
DVSS
GND
VREG
GVDD_OUT
HP_SD
BST_D
AGND
PVDD_CD
SSTIMER
P0075-11
PHP Package
(TopView)
TAS5717
(TAS5719)
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
PIN ASSIGNMENT AND DESCRIPTIONS
PIN FUNCTIONS
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AGND
30
P
Analog ground for power stage
A_SEL
14
DIO
This pin is monitored on the rising edge of RESET. A value of 0
makes the I2C dev address 0x54, and a value of 1 makes it 0x56.
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
45
P
High-side bootstrap supply for half-bridge A
BST_B
41
P
High-side bootstrap supply for half-bridge B
BST_C
40
P
High-side bootstrap supply for half-bridge C
BST_D
36
P
High-side bootstrap supply for half-bridge D
CPN
6
IO
Charge-pump flying-capacitor negative connection
CPP
7
IO
Charge-pump flying-capacitor positive connection
DVDD
27
P
3.3-V digital power supply
DVSS
28
P
Digital ground
DVSSO
17
P
Oscillator ground
GND
29
P
Analog ground for power stage
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5717 TAS5719


Similar Part No. - TAS5719PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5719 TI-TAS5719 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5719 TI1-TAS5719 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results

Similar Description - TAS5719PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com