Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA8424RHAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8424RHAR
Description  Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8424RHAR Datasheet(HTML) 4 Page - Texas Instruments

  TCA8424RHAR Datasheet HTML 1Page - Texas Instruments TCA8424RHAR Datasheet HTML 2Page - Texas Instruments TCA8424RHAR Datasheet HTML 3Page - Texas Instruments TCA8424RHAR Datasheet HTML 4Page - Texas Instruments TCA8424RHAR Datasheet HTML 5Page - Texas Instruments TCA8424RHAR Datasheet HTML 6Page - Texas Instruments TCA8424RHAR Datasheet HTML 7Page - Texas Instruments TCA8424RHAR Datasheet HTML 8Page - Texas Instruments TCA8424RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Non-Volatile
Memory
Registers
(volatile)
HID Descriptor
(30 bytes)
Report Descriptor
(194 bytes)
Keyboard map
(256 bytes)
Report Ids
Usage Codes
Function Key Location
(32 bytes)
Input Register
(8 bytes)
Output Register
(1 bytes)
Command Register
(2 bytes)
Data Register
(2 bytes)
Key scan
Logic
Core Logic
and
internal
registers
I C buffers
and Logic
2
LEDs
Interrupt
SDA
SCL
Rows 0 - 15
TCA8424
SCDS341 – MARCH 2013
www.ti.com
SIMPLIFIED BLOCK DIAGRAM
I
2C INTERFACE
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to VCC through a pull-up resistor. Data transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a Start condition, a high-to-low transition on
the SDA input/output, while the SCL input is high. After the Start condition, the device address byte is sent, most
significant bit (MSB) first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (Start or Stop). A Stop condition, a low-to-high transition on the SDA input/output while the SCL input
is high, is sent by the master.
Any number of data bytes can be transferred from the transmitter to receiver between the Start and the Stop
conditions. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before
the receiver can send an ACK bit. The device that acknowledges must pull down the SDA line during the ACK
clock pulse, so that the SDA line is stable low during the high pulse of the ACK-related clock period. When a
slave receiver is addressed, it must generate an ACK after each byte is received. Similarly, the master must
generate an ACK after each byte that it receives from the slave transmitter. Setup and hold times must be met to
ensure proper operation.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TCA8424


Similar Part No. - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
More results

Similar Description - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH9328 WCH-CH9328 Datasheet
189Kb / 5P
   Serial transfer HID keyboard chip
CH9329 WCH-CH9329 Datasheet
176Kb / 6P
   Serial transfer HID keyboard mouse chip
logo
ON Semiconductor
NCT218 ONSEMI-NCT218 Datasheet
160Kb / 19P
   Low Voltage, High Accuracy Temperature Monitor with I2C Interface
December, 2013 ??Rev. 2
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
Intel Corporation
8278 INTEL-8278 Datasheet
460Kb / 10P
   PROGRAMMABLE KEYBOARD INTERFACE
logo
Texas Instruments
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com