Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3R2DE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TB3R2DE4
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB3R2DE4 Datasheet(HTML) 1 Page - Texas Instruments

  TB3R2DE4 Datasheet HTML 1Page - Texas Instruments TB3R2DE4 Datasheet HTML 2Page - Texas Instruments TB3R2DE4 Datasheet HTML 3Page - Texas Instruments TB3R2DE4 Datasheet HTML 4Page - Texas Instruments TB3R2DE4 Datasheet HTML 5Page - Texas Instruments TB3R2DE4 Datasheet HTML 6Page - Texas Instruments TB3R2DE4 Datasheet HTML 7Page - Texas Instruments TB3R2DE4 Datasheet HTML 8Page - Texas Instruments TB3R2DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AI
AO
BO
CO
DO
AI
AI
BI
BI
C1
C1
D1
D1
D1
E2
E1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AI
AI
AO
E1
BO
BI
BI
GND
VCC
DI
DI
DO
E2
CO
CI
CI
D PACKAGE
(TOP VIEW)
TB3R1, TB3R2
SLLS587C – NOVEMBER 2003 – REVISED JANUARY 2008
QUAD DIFFERENTIAL PECL RECEIVERS
Check for Samples: TB3R1, TB3R2
The
power-down
loading
characteristics
of
the
1
FEATURES
receiver input circuit are approximately 8 k
Ω relative
Low-Voltage Functional Replacements for the
to the power supplies; hence they do not load the
Agere BRF1A, BRF2A, BRS2A, and BRS2B
transmission line when the circuit is powered down.
Pin-Equivalent to General Trade 26LS32
The package for these differential line receivers is the
Devices
16-pin SOIC (D) package.
High-Input Impedance Approximately 8 k
The enable inputs of this device include internal
3.5-ns Maximum Propagation Delay
pullup resistors of approximately 40 k
Ω that are
TB3R1 Provides 50-mV Hysteresis
connected to VCC to ensure a logical high level input
if the inputs are open circuited.
TB3R2 With -125-mV Threshold Offset for
Preferred State Output
PIN ASSIGNMENTS
-0.5-V to 5.2-V Common Mode Range
Single 3.3 V ±10% Supply
Slew Rate Limited (0.5 ns min 80% to 20%)
TB3R2 Output Defaults to Logic 1 When Inputs
Left Open or Shorted to VCC or GND
ESD Protection HBM > 3 kV, CDM > 2 kV
Operating Temperature Range: -40°C to 85°C
Available SOIC (D) Package
APPLICATIONS
Digital Data or Clock Transmission Over
Balanced Lines
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION
These quad differential receivers accept digital data
over balanced transmission lines. They translate
differential input logic levels to TTL output logic
levels.
The
TB3R1
is
a
pin-
and
function-compatible
replacement for the Agere Systems BRF1A and
BRF2A; it includes 3-kV HBM and 2-kV CDM ESD
protection.
The
TB3R2
is
a
pin-
and
function-compatible
replacement for the Agere Systems BRS2A and
Enable Truth Table
BRS2B and incorporates a -125-mV receiver input
E1
E2
CONDITION
offset, preferred state output, 3-kV HBM and 2-kV
0
0
Active
CDM ESD protection. The TB3R2 preferred state
feature places the output in the high state when the
1
0
Active
inputs are open, shorted to ground, or shorted to the
0
1
Disabled
power supply.
1
1
Active
1
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard
warranty. Production processing does not necessarily include testing of all parameters.


Similar Part No. - TB3R2DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2DE4 TI1-TB3R2DE4 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB3R2DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com