Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3R2DRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TB3R2DRE4
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB3R2DRE4 Datasheet(HTML) 4 Page - Texas Instruments

  TB3R2DRE4 Datasheet HTML 1Page - Texas Instruments TB3R2DRE4 Datasheet HTML 2Page - Texas Instruments TB3R2DRE4 Datasheet HTML 3Page - Texas Instruments TB3R2DRE4 Datasheet HTML 4Page - Texas Instruments TB3R2DRE4 Datasheet HTML 5Page - Texas Instruments TB3R2DRE4 Datasheet HTML 6Page - Texas Instruments TB3R2DRE4 Datasheet HTML 7Page - Texas Instruments TB3R2DRE4 Datasheet HTML 8Page - Texas Instruments TB3R2DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1
2
3
4
5
-50
0
50
100
150
Max
Nom
Min
TA - Free-Air Temperature - 5C
VCC = 3.3 V
1
2
3
4
5
-50
0
50
100
150
VCC = 3.3 V
Nom
Min
Max
TA - Free-Air Temperature - 5C
TB3R1, TB3R2
SLLS587C – NOVEMBER 2003 – REVISED JANUARY 2008
www.ti.com
SWITCHING CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
uni
parameter
test conditions
min
typ
max
t
tPLH
Propagation delay time, low-to-high-level output
1.8
3.5
CL = 0 pF
(1), See Figure 2 and Figure 4
ns
tPHL
Propagation delay time, high-to-low-level output
1.8
3.5
tPLH
Propagation delay time, low-to-high-level output
2.3
4
CL = 15 pF, See Figure 2 and Figure 4
ns
tPHL
Propagation delay time, high-to-low-level output
2.3
4
tPHZ
Output disable time, high-level-to-high-impedance output(2)
4.4
12
ns
CL = 5 pF See Figure 3 and Figure 5
tPLZ
Output disable time, low-level-to-high-impedance output(2)
3.3
12
ns
CL = 10 pF, See Figure 2 and Figure 4
0.7
ns
tskew1
Pulse width distortion, |tPHL - tPLH|
CL = 150 pF, See Figure 2 and Figure 4
4
ns
CL = 10 pF, TA = 75°C, See Figure 2 and
0.8
1.4
ns
Figure 4
Δtskew1p-p Part-to-part output waveform skew
(3)
CL = 10 pF, TA = -40°C to 85°C, See
1.5
ns
Figure 2 and Figure 4
Δtskew
Same part output waveform skew(3)
CL = 10 pF, See Figure 2 and Figure 4
0.3
ns
tPZH
Output enable time, high-impedance-to-high-level output(2)
6
12
ns
CL = 10 pF, See Figure 3 and Figure 4
tPZL
Output enable time, high-impedance-to-low-level output(2)
4
12
ns
tTLH
Rise time (20%-80%)
0.5
2
ns
CL = 10 pF, See Figure 2 and Figure 4
tTHL
Fall time (80%-20%)
0.5
2
ns
(1)
The propagation delay values with a 0 pF load are based on design and simulation.
(2)
See Table 1.
(3)
Output waveform skews are when devices operate with the same supply voltage, same temperature, have the same packages and the
same test circuits.
TYPICAL CHARACTERISTICS
Parametric values specified under the Electrical Characteristics and Timing Characteristics sections for the data
transmission driver devices are measured with the following output load circuits.
LOW-TO-HIGH PROPAGATION DELAY
HIGH-TO-LOW PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Links: TB3R1 TB3R2


Similar Part No. - TB3R2DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2DR TI1-TB3R2DR Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB3R2DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com