Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3111
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3111 Datasheet(HTML) 2 Page - Texas Instruments

  THS3111 Datasheet HTML 1Page - Texas Instruments THS3111 Datasheet HTML 2Page - Texas Instruments THS3111 Datasheet HTML 3Page - Texas Instruments THS3111 Datasheet HTML 4Page - Texas Instruments THS3111 Datasheet HTML 5Page - Texas Instruments THS3111 Datasheet HTML 6Page - Texas Instruments THS3111 Datasheet HTML 7Page - Texas Instruments THS3111 Datasheet HTML 8Page - Texas Instruments THS3111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
1
2
3
4
8
7
6
5
NC
VIN −
VIN +
VS−
NC
VS+
VOUT
NC
NC =NoInternalConnection
NOTE:Thedevicewiththepower-downoptiondefaultstotheONstateifnosignalisappliedtothePDpin.Additionally,theREFpin
functionalrangeisfromV
to(V
4V).
S
S+
-
-
1
2
3
4
8
7
6
5
REF
VIN−
VIN+
VS−
VS+
VOUT
NC
NC=NoInternalConnection
PD
THS3110
THS3111
D,DGN
TOPVIEW
D,DGN
TOPVIEW
THS3110
THS3111
SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PACKAGED DEVICE
TA
PLASTIC SMALL OUTLINE SOIC (D)
PLASTIC MSOP (DGN) (2)
SYMBOL
THS3110CD
THS3110CDGN
0°C to +70°C
BJB
THS3110CDR
THS3110CDGNR
THS3110ID
THS3110IDGN
–40°C to +85°C
BIR
THS3110IDR
THS3110IDGNR
THS3111CD
THS3111CDGN
0°C to +70°C
BJA
THS3111CDR
THS3111CDGNR
THS3111ID
THS3111IDGN
–40°C to +85°C
BIS
THS3111IDR
THS3111IDGNR
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The PowerPAD is electrically isolated from all other pins.
DISSIPATION RATINGS TABLE
POWER RATING
TJ = +125°C
PACKAGE
θJC (°C/W)
θJA (°C/W)
TA = +25°C
TA = +85°C
D-8(1)
38.3
95
1.05 W
421 mW
DGN-8(2)
4.7
58.4
1.71 W
685 mW
(1)
These data were taken using the JEDEC standard low-K test PCB. For the JEDEC proposed high-K test PCB, the
θJA is 95°C/W with
power rating at TA = +25°C of 1.05 W.
(2)
These data were taken using 2 oz. trace and copper pad that is soldered directly to a 3 inch × 3 inch (76,2 mm × 76,2 mm) PCB. For
further information, refer to the Application Information section of this data sheet.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3111 TI-THS3111 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3111 TI1-THS3111 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
[Old version datasheet]   Low Noise High Speed Voltage Feedback Operational Amplifier
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com