Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3110DGN Datasheet(PDF) 1 Page - Texas Instruments

Part # THS3110DGN
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110DGN Datasheet(HTML) 1 Page - Texas Instruments

  THS3110DGN Datasheet HTML 1Page - Texas Instruments THS3110DGN Datasheet HTML 2Page - Texas Instruments THS3110DGN Datasheet HTML 3Page - Texas Instruments THS3110DGN Datasheet HTML 4Page - Texas Instruments THS3110DGN Datasheet HTML 5Page - Texas Instruments THS3110DGN Datasheet HTML 6Page - Texas Instruments THS3110DGN Datasheet HTML 7Page - Texas Instruments THS3110DGN Datasheet HTML 8Page - Texas Instruments THS3110DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
+
75
75
75
75
75
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
1 k
−15 V
15 V
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
VIDEO DISTRIBUTION AMPLIFIER APPLICATION
0
0.05
0.1
0.15
0.2
0.25
0.3
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 1 kΩ,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 1 kΩ,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
1 k
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
OPERATIONAL AMPLIFIERS
Check for Samples: THS3110 THS3111
1
FEATURES
DESCRIPTION
23
Low Noise
The
THS3110
and
THS3111
are
low-noise,
high-voltage, current-feedback amplifiers designed to
2-pA/
√Hz Noninverting Current Noise
operate over a wide supply range of ±5 V to ±15 V for
10-pA/
√Hz Inverting Current Noise
today's high performance applications.
3-nV/
√Hz Voltage Noise
The THS3110 features a power-down pin (PD) that
High Output Current Drive: 260 mA
puts the amplifier in low-power standby mode, and
High Slew Rate: 1300 V/
μs
lowers the quiescent current from 4.8 mA to 270
μA.
(RL = 100 Ω, VO = 8 VPP)
These
amplifiers
provide
well-regulated
ac
Wide Bandwidth: 90 MHz (G = 2, RL = 100 Ω)
performance
characteristics.
The
unity-gain
bandwidth of 100 MHz allows for good distortion
Wide Supply Range: ±5 V to ±15 V
characteristics below 10 MHz. Coupled with a high
Power-Down Feature: (THS3110 Only)
1300-V/
μs slew rate, the THS3110 and THS3111
amplifiers allow for high output voltage swings at high
APPLICATIONS
frequencies.
Video Distribution
The THS3110 and THS3111 are offered in the
Power FET Driver
SOIC-8 (D) and the MSOP-8 (DGN) packages with
Pin Driver
PowerPAD™.
Capacitive Load Driver
space
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3110DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
[Old version datasheet]   Low Noise High Speed Voltage Feedback Operational Amplifier
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com