Electronic Components Datasheet Search |
|
H11A1-M Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
H11A1-M Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 15 page 6/15/05 Page 3 of 15 © 2005 Fairchild Semiconductor Corporation GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 Note * Typical values at TA = 25°C ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) INDIVIDUAL COMPONENT CHARACTERISTICS Parameter Test Conditions Symbol Min Typ* Max Unit EMITTER Input Forward Voltage (IF = 10 mA) VF 1.18 1.50 V Reverse Leakage Current (VR = 6.0 V) IR 0.001 10 µA DETECTOR Collector-Emitter Breakdown Voltage (IC = 1.0 mA, IF = 0) BVCEO 30 100 V Collector-Base Breakdown Voltage (IC = 100 µA, IF = 0) BVCBO 70 120 V Emitter-Collector Breakdown Voltage (IE = 100 µA, IF = 0) BVECO 710 V Collector-Emitter Dark Current (VCE = 10 V, IF = 0) ICEO 1 50 nA Collector-Base Dark Current (VCB = 10 V) ICBO 20 nA Capacitance (VCE = 0 V, f = 1 MHz) CCE 8pF ISOLATION CHARACTERISTICS Characteristic Test Conditions Symbol Min Typ* Max Units Input-Output Isolation Voltage (Non ‘-M’, Black Package) (f = 60 Hz, t = 1 min) VISO 5300 Vac(rms) (‘-M’, White Package) (f = 60 Hz, t = 1 sec) 7500 Vac(pk) Isolation Resistance (VI-O = 500 VDC) RISO 1011 Ω Isolation Capacitance (VI-O = &, f = 1 MHz) CISO 0.5 pF (‘-M’ White Package) 0.2 2 pF |
Similar Part No. - H11A1-M |
|
Similar Description - H11A1-M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |