Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4140IDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140IDG4
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140IDG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS4140IDG4 Datasheet HTML 1Page - Texas Instruments THS4140IDG4 Datasheet HTML 2Page - Texas Instruments THS4140IDG4 Datasheet HTML 3Page - Texas Instruments THS4140IDG4 Datasheet HTML 4Page - Texas Instruments THS4140IDG4 Datasheet HTML 5Page - Texas Instruments THS4140IDG4 Datasheet HTML 6Page - Texas Instruments THS4140IDG4 Datasheet HTML 7Page - Texas Instruments THS4140IDG4 Datasheet HTML 8Page - Texas Instruments THS4140IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
DGN−8
D−8
DGK−8
www.ti.com
FEATURES
KEY APPLICATIONS
THS4141
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
NC
VCC−
VOUT−
THS4140
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
PD
VCC−
VOUT−
SHUTDOWN
NUMBER OF
CHANNELS
DEVICE
THS4140
THS4141
1
1
X
HIGH-SPEED DIFFERENTIAL I/O FAMILY
DESCRIPTION
−100
−90
−80
−70
−60
−50
−40
−30
100k
1M
10M
100M
f − Frequency − Hz
TOTAL HARMONICDISTORTIONvsFREQUENCY
VCC =5Vto ± 15V
V
DD
DIGITAL
OUTPUT
V
IN
+
+
DV
DD
V
OCM
AV
SS
AV
DD
A
IN
A
IN
V
ref
5V
−5V
Typical A/D ApplicationCircuit
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
• Single-Ended to Differential Conversion
• High Performance
• Differential ADC Driver
160 MHz –3 dB Bandwidth (VCC = ±15 V)
• Differential Antialiasing
450 V/µs Slew Rate
• Differential Transmitter And Receiver
–79 dB, Third Harmonic Distortion at
• Output Level Shifter
1 MHz
6.5 nV/
√Hz Input-Referred Noise
• Differential Input/Differential Output
Balanced Outputs Reject Common-Mode
Noise
Reduced Second Harmonic Distortion Due
to Differential Output
• Wide Power-Supply Range
VCC = 5-V Single Supply to ±15-V Dual
Supply
• I
CC(SD) = 880 µA in Shutdown Mode (THS4140)
The THS414x is one in a family of fully differential input/differential output devices fabricated using Texas
Instruments' state-of-the-art BiComI complementary bipolar process.
The THS414x is made of a true, fully differential signal path from input to output. This design leads to an
excellent common-mode noise rejection and improved total harmonic distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS412x
100 MHz, 43 V/µs, 3.7 nV/
√Hz
THS413x
150 MHz, 51 V/µs, 1.3 nV/
√Hz
THS415x
150 MHz, 650 V/µs, 7.6 nV/
√Hz
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4140IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140IDGK TI-THS4140IDGK Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140IDGN TI-THS4140IDGN Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140IDGNR NSC-THS4140IDGNR Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4140IDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com