Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3001IDGN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDGN
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3001IDGN Datasheet HTML 4Page - Texas Instruments THS3001IDGN Datasheet HTML 5Page - Texas Instruments THS3001IDGN Datasheet HTML 6Page - Texas Instruments THS3001IDGN Datasheet HTML 7Page - Texas Instruments THS3001IDGN Datasheet HTML 8Page - Texas Instruments THS3001IDGN Datasheet HTML 9Page - Texas Instruments THS3001IDGN Datasheet HTML 10Page - Texas Instruments THS3001IDGN Datasheet HTML 11Page - Texas Instruments THS3001IDGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
f − Frequency − Hz
100
10
1
100
10k
1k
100k
10
1000
VCC = ±15 V and ±5 V
TA = 25°C
In−
In+
Vn
10
1
0.1
0.01
1M
f − Frequency − Hz
100k
10M
100M
100
VCC = ±15 V
RF = 750 Ω
Gain = +2
TA = 25°C
VI(PP) = 2 V
1G
VO
+
50
750
1 k
VI
THS3001
750
(
VO
VI
=
1000
Zo
)
− 1
TA − Free-Air Temperature − °C
80
70
−20
20
85
75
0
40
100
−40
60
80
90
VCC = +5 V
VCC = +15 V
VCC = −5 V
VCC = −15 V
f − Frequency − Hz
1k
10k
10M
100M
1M
100k
60
40
20
0
50
30
10
80
90
70
VCC = ±5 V
VCC = ±15 V
G = 1
RF = 1 kΩ
VCC = ±5 V
VCC = ±15 V
−PSRR
+PSRR
THS3001
SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
CLOSED-LOOP OUTPUT IMPEDANCE
VOLTAGE NOISE AND CURRENT NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 1998–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3001


Similar Part No. - THS3001IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001IDGN TI-THS3001IDGN Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3001IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com