Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3111IDGNRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3111IDGNRG4
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3111IDGNRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3111IDGNRG4 Datasheet HTML 7Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 8Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 9Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 10Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 11Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 12Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 13Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 14Page - Texas Instruments THS3111IDGNRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10 12
14
16
18 20
t - Time - ns
Gain = -2
RL = 100 Ω
RF = 1.1 kΩ
VS = ±15 V
Rising Edge
Falling Edge
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
10
100
1000
RL - Load Resistance - Ω
VS = ±15 V
TA = -40° to 85°C
0
1
2
3
4
5
6
2
3
4
5
6
7
8
9 10 11 12 13 14 15
VS - Supply Voltage - ±V
TA = 25 °C
TA = -40 °C
TA = 85 °C
-40
0
0.5
1
1.5
2
2.5
3
3.5
4
-30 -20 -10 0 10 20 30 40 50 60 70 80 90
VS = ±5 V
VS = ±15 V
TC - Case Temperature - °C
110
100
90
80
70
60
50
40
30
20
10
0
Frequency
MHz
-
0.1
1
10
100
1000
V
=
15Vand
5V
S
±
±
0
0.5
1
1.5
2
2.5
3
3.5
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
VS = ±15 V
IIB-
IIB+
IOS
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (±15 V) (continued)
space
QUIESCENT CURRENT
OUTPUT VOLTAGE
vs
vs
SETTLING TIME
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 19.
Figure 20.
Figure 21.
INPUT BIAS AND
OFFSET CURRENT
INPUT OFFSET VOLTAGE
TRANSIMPEDANCE
vs
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3111IDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3111 TI-THS3111 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3111 TI1-THS3111 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3111IDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
[Old version datasheet]   Low Noise High Speed Voltage Feedback Operational Amplifier
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com