Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8815AEBT475 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8815AEBT475
Description  1.5A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815AEBT475 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8815AEBT475 Datasheet HTML 7Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 8Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 9Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 10Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 11Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 12Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 13Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 14Page - Analog Microelectronics AME8815AEBT475 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AME, Inc.
11
AME8815
1.5A CMOS LDO
34.5
35
35.5
36
36.5
37
37.5
38
38.5
0
0.25
0.5
0.75
1
1.25
1.5
Ground Current vs. Load Current
Load Current (mA)
V
IN = 2.5V
V
OUT = 1.5V
10
15
20
25
30
35
40
45
50
23
4
5678
Ground Current vs. V
IN
V
IN (V)
I
OUT = 140mA
V
OUT = 1.5V
0
0.2
0.4
0.6
0.8
1
1.2
0
0.3
0.6
0.9
1.2
1.5
1.8
Dropout Voltage vs. I
LOAD
I
LOAD (A)
1.8
1.5
2.0
2.1
2.8
3.3
V
OUT =
0
0.2
0.4
0.6
0.8
1
02
46
8
Dropout Voltage vs. V
OUT
V
OUT (V)
I
LOAD =1.5A
I
LOAD =1.0A
I
LOAD =0.5A
25
27
29
31
33
35
37
39
41
-45
-5
25
55
85
115
Temperature (
0C)
Quiescent Current vs. Temperature


Similar Part No. - AME8815AEBT475

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815AEBT475Z AME-AME8815AEBT475Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results

Similar Description - AME8815AEBT475

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com