Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898111AXA-MH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC898111AXA-MH
Description  OIS Controller & Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898111AXA-MH Datasheet(HTML) 1 Page - ON Semiconductor

  LC898111AXA-MH Datasheet HTML 1Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 2Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 3Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 4Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 5Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 6Page - ON Semiconductor LC898111AXA-MH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
529HK 20121127-S00003,20130219-S00001 No.A2189-1/7
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.3.5b
http://onsemi.com
LC898111AXA
LC898111AXB
Overview
The LC898111AXA and the LC898111AXB are image stabilization system control LSIs for smartphone camera
modules.
The LSIs have built-in digital signal processing circuits, such as a 2ch saturation H-Bridge Driver and a Flexible Filter
circuit, and control VCM type actuators.
The LC898111AXA and the LC898111AXB are identical LSIs except for the dimensions, i.e. XA has WLP thickness,
max. 0.33 mm without back coat (B/C) and XB has WLP thickness, max. 0.69 mm with B/C.
Function
Digital signal processing LSI (Logic LSI)
 Built-in digital servo circuit
 Built-in Gyro filter
 AD converter
 12-bit
 input 5ch
 Equipped with a sample-hold circuit
 DA converter
 8-bit
 Output 2ch (Constant current Bias : max 7mA)
 Built-in Serial I/F circuit (2-wire I2C-Bus or 4-wire SPI Bus interface)
 Built-in Hall Bias circuit
 Built-in Hall Amp (Gain of Opamp : x25, x50, x75, x100, x150, x200)
 Built-in OSC (Oscillator)
48MHz
 5% (Frequency adjustment function)
 External Clock input is possible from TSTCLK (48MHz  5%)
 Built-in LDO (Low Drop-Out regulator)
 Digital Gyro I/F for the companies (SPI Bus)
(Please refer for the details)
 Support Hall sensor and Photo Reflector as means to detect
a position
Motor Driver
 Saturation-drive H bridge x2ch
 IO max : 220mA
 Package
 LC898111AXA : WLP48J
(2.57mm x 3.22mm, thickness max 0.33mm, without B/C)
 LC898111AXB : WLP48
(2.57mm x 3.22mm, thickness max 0.69mm, with B/C)
 Pb-free
 Halogen Free
Power supply voltage
 Logic : DVDD30 = 2.6 to 3.6 V
 Driver : VM = 2.6 to 3.6 V
Ordering number : ENA2189
CMOS LSI
OIS Controller & Driver
ORDERING INFORMATION
See detailed ordering and shipping information
on page 7 of this data sheet.
* I
2C Bus is a trademark of Philips Corporation.
WLP48J
WLP48


Similar Part No. - LC898111AXA-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898111AXA ONSEMI-LC898111AXA Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
More results

Similar Description - LC898111AXA-MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898113 SANYO-LC898113 Datasheet
161Kb / 7P
   OIS Controller & Driver
logo
ON Semiconductor
LC898111AXB-MH ONSEMI-LC898111AXB-MH Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
logo
ON Semiconductor
LC898128DP ONSEMI-LC898128DP Datasheet
170Kb / 10P
   OIS & Open-AF Control LSI
September, 2021 - Rev. 0
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
   LCD controller/driver
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
   LCD Controller-Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com