Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-L1-3V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # S2-L1-3V
Description  4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S2-L1-3V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  S2-L1-3V Datasheet HTML 1Page - Panasonic Semiconductor S2-L1-3V Datasheet HTML 2Page - Panasonic Semiconductor S2-L1-3V Datasheet HTML 3Page - Panasonic Semiconductor S2-L1-3V Datasheet HTML 4Page - Panasonic Semiconductor S2-L1-3V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S
2
en_ds_61105_0000: 130804D
ORDERING INFORMATION
TYPES AND COIL DATA at 20
°C 68°F
Single side stable
1 coil latching
2 coil latching
Note: Insert 2, 3 or 4 in
for contact form required.
DIMENSIONS
mm inch
Type
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA
Coil resistance,
(±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
S -3V
3
2.1
0.3
66.7
45
23
200
5.5
S -5V
5
3.5
0.5
38.5
130
65
192
9.0
S -6V
6
4.2
0.6
33.3
180
93
200
11.0
S -12V
12
8.4
1.2
16.7
720
370
200
22.0
S -24V
24
16.8
2.4
8.4
2,850
1,427
202
44.0
S -48V
48
33.6
4.8
5.6
8,500
3,410
271
75.0
Type
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage
V DC (min.)
Nominal oper-
ating current,
mA
Coil resis-
tance,
(
±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
S -L1-3V
3
2.1
0.3
33
90
0.04
99
8.4
S -L1-5V
5
3.5
0.5
16
300
0.14
80
15.3
S -L1-6V
6
4.2
0.6
16
360
0.14
96
16.8
S -L1-12V
12
8.4
1.2
8
1450
0.6
96
33.7
S -L1-24V
24
16.8
2.4
4
5700
2.05
96
66.7
S -L1-48V
48
33.6
4.8
3
16,000
8.9
144
111
Type
Nominal voltage,
V DC
Set and reset
voltage,
V DC (max.)
Nominal operating
current,
mA
Coil resistance,
(±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
Coil I
Coil II
Coil I
Coil II
S -L2-3V
3
2.1
66.7
45
45
10
10
200
5.5
S -L2-5V
5
3.5
38.5
130
130
31
31
192
9.0
S -L2-6V
6
4.2
33.7
180
180
40
40
200
11.0
S -L2-12V
12
8.4
16.7
720
720
170
170
200
22.0
S -L2-24V
24
16.8
8.4
2,850
2,850
680
680
202
44.0
S -L2-48V
48
33.6
7.4
6,500
6,500
1,250
1,250
355
65.0
Product name
Contact arrangement
Operating function
Coil voltage, V DC
S
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
3, 5, 6,12, 24, 48
S
2
L2
48
Ex.
Notes: 1) Standard packing; Carton 50 pcs. Case 500 pcs.
2) UL/CSA approved type is standard.
V
General tolerance:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.003
10±0.5
.394±0.02
12
.472
7.62
.300
123456
12
11
10
9
8
7
3
.118
1
.039
4
.157
0.4
.016
1.4
.055
1.0
.039
5.08
.200
0.5
.020
0.5
.020
7.62
.300
28±0.5
1.102±0.02
12
.472
2.54
.100
2.54
.100
12-1.3 DIA.
.047-.051 DIA.


Similar Part No. - S2-L1-3V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
   Excellent receiver selectivity and blocking
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
   Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
   Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
   Excellent receiver selectivity and blocking
S2-LPTXQTR STMICROELECTRONICS-S2-LPTXQTR Datasheet
2Mb / 64P
   Sub-1 GHz proprietary radio transmitter
September 2019
More results

Similar Description - S2-L1-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com