Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2188NKCA-320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2188NKCA-320
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2188NKCA-320 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2188NKCA-320 Datasheet HTML 1Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 2Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 3Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 4Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 5Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 6Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 7Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 8Page - Analog Devices ADSP-2188NKCA-320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
a
ICE-Port is a trademark of Analog Devices, Inc.
DSP Microcomputer
ADSP-218xN Series
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
PERFORMANCE FEATURES
12.5 ns Instruction cycle time @1.8 V (internal), 80 MIPS sus-
tained performance
Single-cycle instruction execution
Single-cycle context switch
3-bus architecture allows dual operand fetches in every
instruction cycle
Multifunction instructions
Power-down mode featuring low CMOS standby power dissi-
pation with 200 CLKIN cycle recovery from power-down
condition
Low power dissipation in idle mode
INTEGRATION FEATURES
ADSP-2100 family code compatible (easy to use algebraic
syntax), with instruction set extensions
Up to 256K byte of on-chip RAM, configured
Up to 48K words program memory RAM
Up to 56K words data memory RAM
Dual-purpose program memory for both instruction and
data storage
Independent ALU, multiplier/accumulator, and barrel shifter
computational units
Two independent data address generators
Powerful program sequencer provides zero overhead loop-
ing conditional instruction execution
Programmable 16-bit interval timer with prescaler
100-lead LQFP and 144-ball BGA
SYSTEM INTERFACE FEATURES
Flexible I/O allows 1.8 V, 2.5 V or 3.3 V operation
All inputs tolerate up to 3.6 V regardless of mode
16-bit internal DMA port for high-speed access to on-chip
memory (mode selectable)
4M-byte memory interface for storage of data tables and pro-
gram overlays (mode selectable)
8-bit DMA to byte memory for transparent program and data
memory transfers (mode selectable)
Programmable memory strobe and separate I/O memory
space permits “glueless” system design
Programmable wait state generation
Two double-buffered serial ports with companding hardware
and automatic data buffering
Automatic booting of on-chip program memory from byte-
wide external memory, for example, EPROM, or through
internal DMA Port
Six external interrupts
13 programmable flag pins provide flexible system signaling
UART emulation through software SPORT reconfiguration
ICE-Port™ emulator interface supports debugging in final
systems
Figure 1. Functional Block Diagram
A R ITH M E TIC UN ITS
SH IFTE R
MAC
ALU
P R O GRAM M EM O RY ADDR ES S
DATA M EM O RY ADD RES S
PR O GRAM M EMO R Y DATA
DA TA ME MOR Y DA TA
PO W E R-DO WN
CONTRO L
MEM OR Y
PRO GRA M
ME M ORY
UP T O
48K
24-B IT
EX TE RNAL
ADDRES S
BUS
EX TE RNAL
DATA
BUS
BY TE DM A
CONT ROLL ER
SP OR T0
S ERIAL PO RTS
SP OR T 1
PROG RA MM ABL E
I/O
AND
FLA GS
TIM E R
HOS T M ODE
OR
EX TE RNAL
DATA
BUS
INTER NA L
DM A
PORT
DAG1
DAT A ADDRES S
G ENERAT OR S
DAG2
PROG RAM
SEQ U ENCER
ADS P-2100 B AS E
ARCHIT ECT UR E
DATA
ME M ORY
UP T O
56K
16-B IT
FU L L M EMOR Y MOD E


Similar Part No. - ADSP-2188NKCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2188NKCA-320 AD-ADSP-2188NKCA-320 Datasheet
1Mb / 45P
   DSP Microcomputer
REV. 0
ADSP-2188NKCA-320 AD-ADSP-2188NKCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2188NKCA-320 AD-ADSP-2188NKCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2188NKCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com