Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP432 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP432
Description  1.5A Ultra-Small Controlled Load Switch with Auto-Discharge Path
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP432 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP432 Datasheet HTML 1Page - ON Semiconductor NCP432 Datasheet HTML 2Page - ON Semiconductor NCP432 Datasheet HTML 3Page - ON Semiconductor NCP432 Datasheet HTML 4Page - ON Semiconductor NCP432 Datasheet HTML 5Page - ON Semiconductor NCP432 Datasheet HTML 6Page - ON Semiconductor NCP432 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NCP432, NCP433
http://onsemi.com
7
PACKAGE DIMENSIONS
WLCSP4, 0.76x0.76
CASE 567FJ
ISSUE O
SEATING
PLANE
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
2X
DIM
A
MIN
MAX
0.57
MILLIMETERS
A1
D
0.76 BSC
E
b
0.24
0.28
e
0.40 BSC
0.63
D
E
A B
PIN A1
REFERENCE
e
A
0.05
B
C
0.03 C
0.05 C
4X
b
12
B
A
0.05 C
A
A1
A2
C
0.18
0.23
0.76 BSC
0.05 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
A2
0.40 REF
PITCH
0.20
4X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.40
0.40
RECOMMENDED
A1
PACKAGE
OUTLINE
PITCH
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP432/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP432

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4326 ONSEMI-NCP4326 Datasheet
424Kb / 30P
   Secondary Controller for Multi?뭀utput Quasi?뭃esonant Switchmode Power Supplies
September, 2005 ??Rev. 1
NCP4326 ONSEMI-NCP4326 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP4326DR2 ONSEMI-NCP4326DR2 Datasheet
424Kb / 30P
   Secondary Controller for Multi?뭀utput Quasi?뭃esonant Switchmode Power Supplies
September, 2005 ??Rev. 1
NCP4326DR2G ONSEMI-NCP4326DR2G Datasheet
424Kb / 30P
   Secondary Controller for Multi?뭀utput Quasi?뭃esonant Switchmode Power Supplies
September, 2005 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
More results

Similar Description - NCP432

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP333 ONSEMI-NCP333 Datasheet
180Kb / 10P
   Ultra-Small Controlled Load Switch Auto-Discharge Path
May, 2014 ??Rev. 1
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
logo
Renesas Technology Corp
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
   Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com