Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1247DD100R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1247DD100R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1247DD100R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1247DD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 10Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 11Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 12Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 13Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 14Page - ON Semiconductor NCP1247DD100R2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
NCP1247
http://onsemi.com
11
TYPICAL CHARACTERISTIC
60
61
62
63
64
65
66
67
68
69
70
TEMPERATURE (°C)
Figure 21. Oscillator fOSC for the 65 kHz
Version
−50
−25
0
25
50
75
100
125
90
91
92
93
94
95
96
97
98
99
100
Figure 22. Oscillator fOSC for the 100 kHz
Version
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
11.9
12.0
12.1
12.2
12.3
12.4
12.5
12.6
12.7
12.8
TEMPERATURE (°C)
Figure 23. Maximum ON Time tONmax for the
65 kHz Version
−50
−25
0
25
50
75
100
125
7.8
7.9
8.0
8.1
8.2
8.3
8.4
TEMPERATURE (°C)
Figure 24. Maximum ON Time tONmax for the
100 kHz Version
−50
−25
0
25
50
75
100
125
75
76
77
78
79
80
81
82
83
84
85
TEMPERATURE (°C)
Figure 25. Maximum Duty Ratio DMAX
−50
−25
0
25
50
75
100
125
22
23
24
25
26
27
28
29
30
TEMPERATURE (°C)
Figure 26. Minimum Switching Frequency
fOSC(min)
−50
−25
0
25
50
75
100
125


Similar Part No. - NCP1247DD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1247DD100R2G ONSEMI-NCP1247DD100R2G Datasheet
1Mb / 42P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2014 ??Rev. 2
More results

Similar Description - NCP1247DD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com