Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2E3KY222MM02 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DE2E3KY222MM02
Description  Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2E3KY222MM02 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DE2E3KY222MM02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2E3KY222MM02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
CONTENTS
2
3
4
5
6
7
8
9
10
11
Part Numbering
2
Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2-
4
Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2-
6
Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
8
Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
10
Type KY/KH/KX Specifications and Test Methods
12
DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan-
16
DEJ Series Specifications and Test Methods
17
Safety Certified Ceramic Capacitors Characteristics Data (Typical Example)
20
Safety Certified Ceramic Capacitors Packaging
23
Safety Certified Ceramic Capacitors !Caution
25
Safety Certified Ceramic Capacitors Notice
28
DES Series (125 deg. C Guaranteed/Low-dissipation Factor/DC500V-1kV)
29
DES Series Specifications and Test Methods
31
DEH Series (125 deg. C Guaranteed/Low-dissipation Factor/DC250V-3.15kV)
33
DEH Series Specifications and Test Methods
36
DEA Series (125 deg. C Guaranteed/Class 1/DC1k-3.15kV)
39
DEA Series Specifications and Test Methods
42
DEB Series (Class 2/DC1k-3.15kV)
44
DEB Series Specifications and Test Methods
47
DEC Series (Class 1, 2/DC6.3kV)
49
DEC Series Specifications and Test Methods
51
DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p)
53
DEF Series Specifications and Test Methods
55
High Voltage Ceramic Capacitors Characteristics Data (Typical Example)
57
High Voltage Ceramic Capacitors Packaging
58
High Voltage Ceramic Capacitors !Caution
60
High Voltage Ceramic Capacitors Notice
68
Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications
69
1
2
3
4
5
6
7
8
9
10
11
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Similar Part No. - DE2E3KY222MM02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2E3KY222MM02 MURATA-DE2E3KY222MM02 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY222MM02 MURATA-DE2E3KY222MM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY222MM02 MURATA-DE2E3KY222MM02 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2E3KY222MM02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com