Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808OEGT Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8808OEGT
Description  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808OEGT Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8808OEGT Datasheet HTML 2Page - Analog Microelectronics AME8808OEGT Datasheet HTML 3Page - Analog Microelectronics AME8808OEGT Datasheet HTML 4Page - Analog Microelectronics AME8808OEGT Datasheet HTML 5Page - Analog Microelectronics AME8808OEGT Datasheet HTML 6Page - Analog Microelectronics AME8808OEGT Datasheet HTML 7Page - Analog Microelectronics AME8808OEGT Datasheet HTML 8Page - Analog Microelectronics AME8808OEGT Datasheet HTML 9Page - Analog Microelectronics AME8808OEGT Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Analog Microelectronics, Inc.
6
750mA CMOS LDO
AME8808
n
n
n
n
n Detailed Description
The AME8808 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error am-
plifier compares the output voltage to a precision refer-
ence. Over-current and Thermal shutdown circuits be-
come active when the junction temperature exceeds
150oC, or the current exceeds 750mA. During thermal
shutdown, the output voltage remains low. Normal op-
eration is restored when the junction temperature drops
below 120oC.
The AME8808 switches from voltage mode to current mode
when the load exceeds the rated output current. This
prevents over-stress. The AME8808 also incorporates
current foldback to reduce power dissipation when the
output is short circuited. This feature becomes active
when the output drops below 0.8 volts, and reduces the
current flow by 65%. Full current is restored when the
voltage exceeds 0.8 volts.
n
n
n
n
n External Capacitors
The AME8806/8809 is stable with an output capacitor
to ground of 2.2
µF or greater. Ceramic capacitors have
the lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit
the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are com-
paratively expensive. One option is to parallel a 0.1
µF
ceramic capacitor with a 10
µF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low over-
all cost.
A second capacitor is recommended between the input
and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to the
pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
n
n
n
n
n Enable
The Enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the
quiescent current is less than 1
µA. This pin behaves
much like an electronic switch.


Similar Part No. - AME8808OEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808OEGTZ AME-AME8808OEGTZ Datasheet
230Kb / 13P
   750mA CMOS LDO
More results

Similar Description - AME8808OEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com