Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8809CEHA Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8809CEHA
Description  600mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8809CEHA Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8809CEHA Datasheet HTML 1Page - Analog Microelectronics AME8809CEHA Datasheet HTML 2Page - Analog Microelectronics AME8809CEHA Datasheet HTML 3Page - Analog Microelectronics AME8809CEHA Datasheet HTML 4Page - Analog Microelectronics AME8809CEHA Datasheet HTML 5Page - Analog Microelectronics AME8809CEHA Datasheet HTML 6Page - Analog Microelectronics AME8809CEHA Datasheet HTML 7Page - Analog Microelectronics AME8809CEHA Datasheet HTML 8Page - Analog Microelectronics AME8809CEHA Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Analog Microelectronics, Inc.
1
AME8806 / 8809 / 8842
600mA CMOS LDO
n
n
n
n
n Typical Application
n
n
n
n
n Functional Block Diagram
n
n
n
n
n Features
l Very Low Dropout Voltage
l Guaranteed 600mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor
l Power-Saving Shutdown Mode
l Space-Saving SO-8 Package
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
n
n
n
n
n General Description
The AME8806/8809 family of positive, linear regula-
tors feature low quiescent current (30
µA typ.) with low
dropout voltage, making them ideal for battery applica-
tions. The space-saving SO-8 package is attractive for
"Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under
the "Worst" of operating conditions.
In applications requiring a low noise, regulated supply,
place a 1000 pF capacitor between Bypass and ground.
The AME8806/8809 is stable with an output capacitance
of 2.2
µF or greater.
n
n
n
n
n Applications
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
AME8806
AME8809
OUT
IN
C3
2.2
µF
C1
1
µF
GND
OUT
5V
EN
BYP
IN
C2
1
µF
AMP
GND
OUT
IN
R1
R2
V
ref=1.215V
BYP
Overcurrent
Shutdown
Thermal
Shutdown
EN


Similar Part No. - AME8809CEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8809CEHA AME-AME8809CEHA Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8809CEHAZ AME-AME8809CEHAZ Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8809CEHAZ AME-AME8809CEHAZ Datasheet
219Kb / 18P
   600mA CMOS LDO
More results

Similar Description - AME8809CEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com