Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8812MEEV Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8812MEEV
Description  300mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8812MEEV Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8812MEEV Datasheet HTML 1Page - Analog Microelectronics AME8812MEEV Datasheet HTML 2Page - Analog Microelectronics AME8812MEEV Datasheet HTML 3Page - Analog Microelectronics AME8812MEEV Datasheet HTML 4Page - Analog Microelectronics AME8812MEEV Datasheet HTML 5Page - Analog Microelectronics AME8812MEEV Datasheet HTML 6Page - Analog Microelectronics AME8812MEEV Datasheet HTML 7Page - Analog Microelectronics AME8812MEEV Datasheet HTML 8Page - Analog Microelectronics AME8812MEEV Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Analog Microelectronics, Inc.
2
300mA CMOS LDO
AME8801/8812/8840
n
n
n
n
n Pin Configuration
1. VIN
4. BYP
2. GND
5. OUT
3. EN
n
n
n
n
n Ordering Information
AME8801
SOT-25 Top View
13
2
5
4
AME8840
SOT-25 Top View
13
2
5
4
1. EN
4. OUT
2. GND
5. VIN
3. BYP
AME8812
SOT-25 Top View
13
2
5
4
1. EN
4. OUT
2. GND
5. BYP
3. V
IN
AME8801
SOT-26 Top View
13
2
6
4
5
1. OUT_14. EN
2. GND
5. V
IN
3. BYP
6. OUT_2
Part Number
Marking
Output Voltage
Package
Operating Temp. Range
AME8801AEEV
AAFww
3.3V
SOT-25
-40
OC to +85OC
AME8801BEEV
AAGww
3.0V
SOT-25
-40
OC to +85OC
AME8801CEEV
AAHww
2.8V
SOT-25
-40
OC to +85OC
AME8801DEEV
AAIww
2.5V
SOT-25
-40
OC to +85OC
AME8801EEEV
AAJww
3.8V
SOT-25
-40
OC to +85OC
AME8801FEEV
ABOww
3.6V
SOT-25
-40
OC to +85OC
AME8801GEEV
ACFww
3.5V
SOT-25
-40
OC to +85OC
AME8801HEEV
AEGww
2.7V
SOT-25
-40
OC to +85OC
AME8801IEEV
AEOww
3.4V
SOT-25
-40
OC to +85OC
AME8801JEEV
AGQww
2.85V
SOT-25
-40
OC to +85OC
AME8801KEEV
AHSww
3.7V
SOT-25
-40
OC to +85OC
AME8801LEEV
AJOww
1.5V
SOT-25
-40
OC to +85OC
AME8801MEEV
AJPww
1.8V
SOT-25
-40
OC to +85OC
AME8801NEEV
AKOww
2.9V
SOT-25
-40
OC to +85OC
AME8801OEEV
AKPww
3.1V
SOT-25
-40
OC to +85OC
AME8801SEEV
AQXww
5.0V
SOT-25
-40
OC to +85OC
AME8801JEEY
ARUww
2.85V
SOT-26
-40
OC to +85OC
Please consult AME sales office or authorized Rep./Distributor for other output
voltage and package type availability.


Similar Part No. - AME8812MEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8810 AME-AME8810 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88101EGTZ AME-AME88101EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88102EGTZ AME-AME88102EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8812MEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com