Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C190S16F Datasheet(PDF) 11 Page - Microchip Technology

Part # RE46C190S16F
Description  CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C190S16F Datasheet(HTML) 11 Page - Microchip Technology

Back Button RE46C190S16F Datasheet HTML 7Page - Microchip Technology RE46C190S16F Datasheet HTML 8Page - Microchip Technology RE46C190S16F Datasheet HTML 9Page - Microchip Technology RE46C190S16F Datasheet HTML 10Page - Microchip Technology RE46C190S16F Datasheet HTML 11Page - Microchip Technology RE46C190S16F Datasheet HTML 12Page - Microchip Technology RE46C190S16F Datasheet HTML 13Page - Microchip Technology RE46C190S16F Datasheet HTML 14Page - Microchip Technology RE46C190S16F Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2010 Microchip Technology Inc.
DS22271A-page 11
RE46C190
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
RE46C190
SOIC
Symbol
Function
1VSS
Connect to the negative supply voltage.
2
IRED
Provides a regulated and programmable pulsed current for the infrared emitter
diode.
3VDD
Connect to the positive supply or battery voltage.
4
TEST
This input is used to invoke Test modes and the Timer mode. This input has an
internal pull-down.
5
TEST2
Test input for test and programming modes. This input has an internal pull-down.
6
IRP
Connect to the anode of the photo diode.
7
IRN
Connect to the cathode of the photo diode.
8
RLED
Open drain NMOS output, used to drive a visible LED. This pin provides load current
for the low battery test, and is a visual indicator for Alarm and Hush modes.
9
GLED
Open drain NMOS output used to drive a visible LED to provide visual indication of
an Alarm Memory condition.
10
FEED
Usually connected to the feedback electrode through a current limiting resistor. If not
used, this pin must be connected to VDD or VSS.
11
IRCAP
Used to charge and monitor the IRED capacitor.
12
IO
This bidirectional pin provides the capability to interconnect many detectors in a
single system. This pin has an internal pull-down device and a charge dump device.
13
HB
This pin is connected to the metal electrode of a piezoelectric transducer.
14
HS
This pin is a complementary output to HB, connected to the ceramic electrode of the
piezoelectric transducer.
15
VBST
Boosted voltage produced by DC-DC converter.
16
LX
Open drain NMOS output, used to drive the boost converter inductor. The inductor
should be connected from this pin to the positive supply through a low resistance
path.


Similar Part No. - RE46C190S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
   CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
More results

Similar Description - RE46C190S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
   CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
   CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com