Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317K Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM317K
Description  1.2 V to 37 V adjustable voltage regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM317K Datasheet HTML 2Page - STMicroelectronics LM317K Datasheet HTML 3Page - STMicroelectronics LM317K Datasheet HTML 4Page - STMicroelectronics LM317K Datasheet HTML 5Page - STMicroelectronics LM317K Datasheet HTML 6Page - STMicroelectronics LM317K Datasheet HTML 7Page - STMicroelectronics LM317K Datasheet HTML 8Page - STMicroelectronics LM317K Datasheet HTML 9Page - STMicroelectronics LM317K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
LM117, LM217, LM317
6/25
Doc ID 2154 Rev 18
4
Electrical characteristics
VI - VO = 5 V, IO = 500 mA, IMAX = 1.5 A and PMAX = 20 W, TJ = - 55 to 150 °C for LM117,
TJ = - 25 to 150 °C for LM217, unless otherwise specified.
Table 4.
Electrical characteristics for LM117/LM217
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔVO
Line regulation
VI - VO = 3 to 40 V
TJ = 25°C
0.01
0.02
%/V
0.02
0.05
ΔVO
Load regulation
VO ≤5 V
IO = 10 mA to IMAX
TJ = 25°C
5
15
mV
20
50
VO ≥5 V,
IO = 10 mA to IMAX
TJ = 25°C
0.1
0.3
%
0.3
1
IADJ
Adjustment pin current
50
100
µA
ΔIADJ
Adjustment pin current
VI - VO = 2.5 to 40V IO = 10 mA to IMAX
0.2
5
µA
VREF
Reference voltage
(between pin 3 and pin 1)
VI - VO = 2.5 to 40V IO= 10 mA to IMAX
PD ≤ PMAX
1.2
1.25
1.3
V
ΔVO/VO
Output voltage
temperature stability
1%
IO(min)
Minimum load current
VI - VO = 40 V
3.5
5
mA
IO(max)
Maximum load current
VI - VO ≤ 15 V, PD < PMAX
1.5
2.2
A
VI - VO = 40 V, PD < PMAX, TJ = 25°C
0.4
eN
Output noise voltage
(percentage of VO)
B = 10Hz to 100kHz, TJ = 25°C
0.003
%
SVR
Supply voltage rejection (1) TJ = 25°C, f = 120Hz
CADJ=0
65
dB
CADJ=10µF
66
80
1.
CADJ is connected between pin 1 and ground.


Similar Part No. - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
LM317K STMICROELECTRONICS-LM317K Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Seme LAB
LM317K SEME-LAB-LM317K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
Comset Semiconductor
LM317K COMSET-LM317K Datasheet
74Kb / 2P
   3-Terminal Positive Adjustable Regulators
More results

Similar Description - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
   Low current 1.2 to 37 V adjustable voltage regulators
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
   Medium current 1.2 to 37 V adjustable voltage regulator
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
   Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com