Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4T28-BR12SH6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M4T28-BR12SH6
Description  TIMEKEEPER SNAPHAT (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M4T28-BR12SH6 Datasheet HTML 4Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 5Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 6Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 7Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 9Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 10Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 11Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Mechanical information
M4T28-BR12SH, M4T32-BR12SH
8/16
4
Mechanical information
Electrical connection to the SOIC is made through four pins that connect to the four press
fitted sockets at each end of the SOIC. Critical contact points between the pins and sockets
are gold-plated to resist oxidation. Internally, each socket contains six independent contact
fingers to form redundant connections between the two components. These sockets were
designed with high point contact force to provide the lowest possible contact resistance. The
SNAPHAT® top also incorporates four molded-in retaining clips which hold onto the ends of
the SOIC insuring mechanical and electrical connection even under severe mechanical
shock and vibration. The combined SOIC and SNAPHAT assembly can sustain shock levels
in excess of 100 g without separating. This package also passes variable frequency testing
in accordance with MIL-STD-883, method 2007.2, condition A.
Figure 2 illustrates the affect of repeated insertion and extraction of the SNAPHAT top to the
SOIC. The force required to extract the SNAPHAT, and then to re-insert it, reduces each
time. After four or five extractions, the reduction starts to become unnoticeable and the force
required remains at a fairly constant figure. Typically, though, the SNAPHAT will only need to
be extracted and re-inserted once in its lifetime.
Figure 2.
SNAPHAT® insertion/extraction forces
0
2.5
5
7.5
10
12.5
15
12
3
4
5
6
7
8
9
10
Number of Extractions
Average Insertion
Average Extraction
AI02526


Similar Part No. - M4T28-BR12SH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M4T28-BR12SH6TR STMICROELECTRONICS-M4T28-BR12SH6TR Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH6TR STMICROELECTRONICS-M4T28-BR12SH6TR Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
More results

Similar Description - M4T28-BR12SH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M4ZXX-BR00SH STMICROELECTRONICS-M4ZXX-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_03 Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
logo
Texas Instruments
BQ48SH TI1-BQ48SH Datasheet
126Kb / 7P
[Old version datasheet]   SNAPHAT??WITH INTEGRATED BATTERT AND CRYSTAL
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com