Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJH157M0060200 Datasheet(PDF) 1 Page - AVX Corporation

Part # TCJH157M0060200
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJH157M0060200 Datasheet(HTML) 1 Page - AVX Corporation

  TCJH157M0060200 Datasheet HTML 1Page - AVX Corporation TCJH157M0060200 Datasheet HTML 2Page - AVX Corporation TCJH157M0060200 Datasheet HTML 3Page - AVX Corporation TCJH157M0060200 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TCJ
Type
A
Case Size
See table
above
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M=±20%
004
Rated DC Voltage
002=2.5Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
HOW TO ORDER
R
Packaging
R = Lead Free 7" Reel
S = Lead Free 13" Reel
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.68 μF to 220 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.1CV
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
16
20
25
35
50
Category Voltage (VC)
+105°C:
12.8
16
20
28
40
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
20.8
26
33
46
65
Surge Voltage (VS)
+105°C:
16
20
25
35
50
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
Temperature Range:
-55°C to +125°C, -55ºC to +105ºC
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level
TECHNICAL SPECIFICATIONS
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
G
1206
3216-15
3.20 (0.126)
1.60 (0.063)
1.50 (0.059) max
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
H
1210
3528-15
3.50 (0.138)
2.80 (0.110)
1.50 (0.059) max
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039) max
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
P
0805
2012-15
2.05 (0.081)
1.35 (0.050)
1.50 (0.059) max
1.0±0.1
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
R
0805
2012-12
2.05 (0.081)
1.30 (0.051)
1.20 (0.047) max
1.0±0.1
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047) max
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047) max
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059) max
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
Y
2917
7343-20
7.30 (0.287}
4.30 (0.169)
2.00 (0.079) max
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
0300
ESR in mΩ
For part marking see page 131
LEAD-FREE COMPATIBLE
COMPONENT
Elektra Award 2010
• Conductive polymer electrode reduces
ignition failure mode
• Lower ESR
• 3x reflow 260°C compatible
• CV range: 0.68-220μF / 2.5-50V
• 13 case sizes available
47


Similar Part No. - TCJH157M0060200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJH157M0060200 AVX-TCJH157M0060200 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJH157M0060200 AVX-TCJH157M0060200 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJH157M0060200 AVX-TCJH157M0060200 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJH157M0060200 AVX-TCJH157M0060200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJH157M0060200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com