Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW2512261RZKEA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW2512261RZKEA
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW2512261RZKEA Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW2512261RZKEA Datasheet HTML 1Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 2Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 3Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 4Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 5Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 6Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 7Page - Vishay Siliconix CRCW2512261RZKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 20035
For technical questions in Europe, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 04-Jul-07
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
109
D../CRCW.... e3
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Vishay
DIMENSIONS
PACKAGING
MODEL
REEL
BULK
TAPE
WIDTH
DIAMETER
PITCH
PIECES/
REEL
PACKAGING CODE
PIECES
PACKAGING CODE
PART NUMBER
PRODUCT DESC.
PART
NUMBER
PRODUCT
DESC.
PAPER
BLISTER
PAPER
BLISTER
CRCW0201
8 mm
180 mm/7"
2 mm
10 000
ED
ET7
330 mm/13"
2 mm
50 000
EE
EF4
D10/CRCW0402
8 mm
180 mm/7"
2 mm
10 000
ED
ET7
50 000
EY
E27
330 mm/13"
2 mm
50 000
EE
EF4
D11/CRCW0603
8 mm
180 mm/7"
4 mm
5000
EA
EI
ET1
EG1
25 000
EY
E27
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
EL
ET6
E20
D12/CRCW0805
8 mm
180 mm/7"
4 mm
5000
EA
EI
ET1
EG1
EY
E27
285 mm/11.25"
4 mm
10 000
EB
ET5
10 000
330 mm/13"
4 mm
20 000
EC
EL
ET6
E20
D25/CRCW1206
8 mm
180 mm/7"
4 mm
5000
EA
EI
ET1
EG1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
EL
ET6
E20
CRCW1210
12 mm
180 mm/7"
4 mm
5000
EA
ET1
285 mm/11.25"
4 mm
10 000
EB
ET5
330 mm/13"
4 mm
20 000
EC
ET6
CRCW1218
12 mm
180 mm/7"
4 mm
4000
EK
ET9
CRCW2010
12 mm
180 mm/7"
4 mm
4000
EF
E02
CRCW2512
12 mm
180 mm/7"
8 mm
2000
EG
E67
4 mm
4000
EH
E82
SIZE
DIMENSIONS [in millimeters]
SOLDER PAD DIMENSIONS [in millimeters]
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
L
W
H
T1
T2
ab
l
a
b
l
0201
0525
0.6 ± 0.05
0.3 ± 0.05
0.23 ± 0.05 0.15 ± 0.05
0.15
+ 0.05
- 0.10
0.28
0.43
0.23
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05 0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55
+ 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0
+ 0.20
- 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3
+ 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2
+ 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2


Similar Part No. - CRCW2512261RZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW2512200RF0EA VISHAY-CRCW2512200RF0EA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2512200RFKEA VISHAY-CRCW2512200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2512200RFKEB VISHAY-CRCW2512200RFKEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2512200RFNEA VISHAY-CRCW2512200RFNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2512200RFNEB VISHAY-CRCW2512200RFNEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW2512261RZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12065R10FKEA VISHAY-CRCW12065R10FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com