Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316 Datasheet(PDF) 11 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology A43L8316 Datasheet HTML 12Page - AMIC Technology A43L8316 Datasheet HTML 13Page - AMIC Technology A43L8316 Datasheet HTML 14Page - AMIC Technology A43L8316 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
10
AMIC Technology, Inc.
Mode Register Filed Table to Program Modes
Register Programmed with MRS
Address
BA
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
RFU
TM
CAS Latency
BT
Burst Length
(Note 1)
(Note 2)
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
Reserved
0
1
0
0
1
-
1
Interleave
0
0
1
2
Reserved
1
0
0
1
0
2
0
1
0
4
4
1
1
Vendor
Use
Only
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved
Reserved
BA
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
256(Full)
Reserved
(Note 3)
Power Up Sequence
1. Apply power and start clock, Attempt to maintain CKE = “H”, DQM = “H” and the other pins are NOP condition at inputs.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200
µs.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 may be changed.
The device is now ready for normal operation.
Note : 1. RFU(Reserved for Future Use) should stay “0” during MRS cycle.
2. If BA is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.
3. The full column burst (256bit) is available only at Sequential mode of burst type.


Similar Part No. - A43L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316AV AMICC-A43L8316AV Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316AV-5 AMICC-A43L8316AV-5 Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316AV-5.5 AMICC-A43L8316AV-5.5 Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316AV-6 AMICC-A43L8316AV-6 Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616B AMICC-A43L1616B Datasheet
555Kb / 46P
   1M X 16 Bit X 2 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com