Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A416316BV-35L Datasheet(PDF) 11 Page - AMIC Technology

Part # A416316BV-35L
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A416316BV-35L Datasheet(HTML) 11 Page - AMIC Technology

Back Button A416316BV-35L Datasheet HTML 7Page - AMIC Technology A416316BV-35L Datasheet HTML 8Page - AMIC Technology A416316BV-35L Datasheet HTML 9Page - AMIC Technology A416316BV-35L Datasheet HTML 10Page - AMIC Technology A416316BV-35L Datasheet HTML 11Page - AMIC Technology A416316BV-35L Datasheet HTML 12Page - AMIC Technology A416316BV-35L Datasheet HTML 13Page - AMIC Technology A416316BV-35L Datasheet HTML 14Page - AMIC Technology A416316BV-35L Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
A416316B Series
PRELIMINARY
(November, 2000, Version 0.0)
10
AMIC Technology, Inc.
tRAS(3)
tRP(2)
tRC(1)
tCRP(9)
tCSH(8)
tRCD(5)
tRSH(7)
tCAS(4)
tASR(10)
tCRP(9)
tRAH(11)
tASC(24)
tCAH(25)
tRAD(6)
tRAL(20)
tRCH(18)
tRRH(19)
tAR(16)
tRCS(17)
tROH(51)
tOEA(52)
tRAC(13)
tAA(15)
tCAC(14)
tCLZ(12)
tOEZ(54)
tOFF(23)
High-Z
: High or Low
Valid Data-out
Row Address
Column Address
I/O0 ~
I/O15
OE
WE
A0 ~ A7
UCAS
LCAS
RAS
Word Read Cycle


Similar Part No. - A416316BV-35L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A102 MOLEX3-A41681A13A102 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
   KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
logo
MicroPower Direct, LLC
A416RU MPD-A416RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A416316BV-35L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com