Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42U2604S-50 Datasheet(PDF) 8 Page - AMIC Technology

Part # A42U2604S-50
Description  4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A42U2604S-50 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A42U2604S-50 Datasheet HTML 4Page - AMIC Technology A42U2604S-50 Datasheet HTML 5Page - AMIC Technology A42U2604S-50 Datasheet HTML 6Page - AMIC Technology A42U2604S-50 Datasheet HTML 7Page - AMIC Technology A42U2604S-50 Datasheet HTML 8Page - AMIC Technology A42U2604S-50 Datasheet HTML 9Page - AMIC Technology A42U2604S-50 Datasheet HTML 10Page - AMIC Technology A42U2604S-50 Datasheet HTML 11Page - AMIC Technology A42U2604S-50 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
A42U2604 Series
PRELIMINARY
(June, 2002, Version 0.3)
7
AMIC Technology, Inc.
AC Characteristics (continued) (VCC = 2.5V
±10%, VSS = 0V, Ta = 0°C to +70°C or -40°C to +85°C)
Test Conditions:
Input timing reference level: VIH/VIL=1.8V/0.8V
Output reference level: VOH/VOL=1.6V/0.8V
Output Load: 1TTL gate + CL (100pF)
Assumed tT=2ns
-50
-60
-80
#
Std
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Notes
20
tRRH
Read Command Hold Time Reference
to RAS
0
-
0
-
0
-
ns
9
21
tRAL
Column Address to RAS Lead Time
22
-
27
-
37
-
ns
22
tCOH
Output Hold After CAS Low
3
-
4
-
5
-
ns
23
tOFF
Output Buffer Turn-Off Delay Time
-
3
-
5
-
10
ns
8, 10
24
tASC
Column Address Setup Time
0
-
0
-
0
-
ns
25
tCAH
Column Address Hold Time
8
-
10
-
14
-
ns
26
tOES
OE Low to CAS High Set Up
10
-
10
-
10
-
ns
27
tWCS
Write Command Setup Time
0
-
0
-
0
-
ns
11
28
tWCH
Write Command Hold Time
8
-
10
-
14
-
ns
11
29
tWCR
Write Command Hold Time to RAS
45
-
55
-
74
-
ns
30
tWP
Write Command Pulse Width
8
-
10
-
14
-
ns
31
tRWL
Write Command to RAS Lead Time
13
-
15
-
20
-
ns
32
tCWL
Write Command to CAS Lead Time
8
-
10
-
14
-
ns
33
tDS
Data-in setup Time
0
-
0
-
0
-
ns
34
tDH
Data-in Hold Time
8
-
10
-
14
-
ns
35
tDHR
Data-in Hold Time to RAS
45
-
55
-
74
-
ns
36
tRWC
Read-Modify-Write Cycle Time
114
-
135
-
179
-
ns
37
tRWD
RAS to WE Delay Time (Read-Modify-
Write)
65
-
78
-
105
-
ns
11
38
tCWD
CAS to WE Delay Time (Read-Modify-
Write)
28
-
33
-
45
-
ns
11


Similar Part No. - A42U2604S-50

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U2604 AMICC-A42U2604 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - A42U2604S-50

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com