Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ILL013V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-ILL013V1
Description  80 W offline LED driver with PFC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL013V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-ILL013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Design concept
UM0670
7/43
Doc ID 15327 Rev 2
Figure 3 illustrates a high PF boost converter design concept. Two additional features are
implemented in the application and these improvements are shown in the blue segments.
The first improves circuit behavior during startup (see Section 10.1 for a description) and the
second allows the dimming of the LED down to 0%, or no LED brightness (description
provided in Section 10.2).
Figure 4 shows the design concept of a modified buck converter with a dimming function.
The output LED current is adjusted by setting the proper sense resistor size via the jumpers
(to adjust maximum LED current), together with the proper setting of the capacitor used in
the FOT network (adjust minimum LED current). The external PWM generator provides
a PWM signal between 0 and 100% for brightness regulation. This signal is connected
through a diode to the current sense pin and allows control of LED brightness.
Figure 3.
High PF boost converter design concept
AM00413
VOUT = 400 V
Vc = 16 V
Supplying PWM generator with ST7LITEU05
Supplying L6562A in modified BUCK converter
GND
L6562A
CS
Input EMI filter
Proper startup
Allowing
0% dimming
STTH1L06
STP8NM50FP
D104
C110
COMP INV
C107
ZCD
VCC
MULT
GD
VIN = 88 V
to 265 V AC


Similar Part No. - STEVAL-ILL013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL014V1 STMICROELECTRONICS-STEVAL-ILL014V1 Datasheet
148Kb / 4P
   Evaluation board for the STCS1 constant current controller for high brightness LEDs
STEVAL-ILL015V1 STMICROELECTRONICS-STEVAL-ILL015V1 Datasheet
116Kb / 5P
   High brightness RGB LED array with LED error detection based on the STP24DP05 and STM32
STEVAL-ILL015V3 STMICROELECTRONICS-STEVAL-ILL015V3 Datasheet
310Kb / 5P
   Cost-effective internal high-side oscillator
July 2014 Rev 1
STEVAL-ILL016V2 STMICROELECTRONICS-STEVAL-ILL016V2 Datasheet
135Kb / 5P
   15 Watt regulated Triac-dimmable LED driver for the North American (115 V) market
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
More results

Similar Description - STEVAL-ILL013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
   80 W offline LED driver with PFC
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
JOULWATT
JW1758AC JW-JW1758AC Datasheet
158Kb / 1P
   Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com