Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB120NF10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB120NF10
Description  N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120NF10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB120NF10 Datasheet HTML 6Page - STMicroelectronics STB120NF10 Datasheet HTML 7Page - STMicroelectronics STB120NF10 Datasheet HTML 8Page - STMicroelectronics STB120NF10 Datasheet HTML 9Page - STMicroelectronics STB120NF10 Datasheet HTML 10Page - STMicroelectronics STB120NF10 Datasheet HTML 11Page - STMicroelectronics STB120NF10 Datasheet HTML 12Page - STMicroelectronics STB120NF10 Datasheet HTML 13Page - STMicroelectronics STB120NF10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Package mechanical data
STB/F/PW120NF10
10/21
Doc ID 9522 Rev 7
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STB120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
376Kb / 15P
   N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
logo
VBsemi Electronics Co.,...
STB120NF10 VBSEMI-STB120NF10 Datasheet
969Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STB120NF10T4 STMICROELECTRONICS-STB120NF10T4 Datasheet
946Kb / 21P
   N-channel 100 V, 0.009 廓, 110 A STripFET??II Power MOSFET in TO-247, TO-220, D짼PAK, TO-220FP
More results

Similar Description - STB120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120NF10T4 STMICROELECTRONICS-STB120NF10T4 Datasheet
946Kb / 21P
   N-channel 100 V, 0.009 廓, 110 A STripFET??II Power MOSFET in TO-247, TO-220, D짼PAK, TO-220FP
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
   N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
   N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
STP60NE03L-12 STMICROELECTRONICS-STP60NE03L-12 Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET
STD25NF10LA STMICROELECTRONICS-STD25NF10LA Datasheet
656Kb / 15P
   N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STP75NF68 STMICROELECTRONICS-STP75NF68 Datasheet
440Kb / 12P
   N-channel 68 V, 0.010 OHM, 80 A, TO-220 STripFET II Power MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
   N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com