Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD72DGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD72DGKR
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD72DGKR Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD72DGKR Datasheet HTML 1Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 2Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 3Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 4Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 5Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 6Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 7Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 8Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SN65HVD72
SN65HVD75
SN65HVD78
www.ti.com
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
Supply Voltage, VCC
–0.5
5.5
V
Voltage range at A or B Inputs
–13
16.5
V
Input voltage range at any logic pin
–0.3
5.7
V
Voltage input range, transient pulse, A and B, through 100
Ω
–100
100
V
Receiver Output Current
–24
24
mA
Junction Temperature, TJ
170
°C
Storage Temperature,
-65
150
°C
Continuous total power dissipation
See the Thermal Characteristics table
IEC 61000-4-2 ESD (Air-Gap Discharge), bus terminals and GND (2)
±12
kV
IEC 61000-4-2 ESD (Contact Discharge), bus terminals and GND
±12
kV
IEC 61000-4-4 EFT (Fast transient or burst) bus terminals and GND
±4
kV
IEC 60749-26 ESD (Human Body Model), bus terminals and GND
±15
kV
JEDEC Standard 22, Test Method A114 (Human Body Model), all pins
±8
kV
JEDEC Standard 22, Test Method C101 (Charged Device Model), all pins
±1.5
kV
JEDEC Standard 22, Test Method A115 (Machine Model), all pins
±300
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
By inference from contact discharge results, see the Application Information section
RECOMMENDED OPERATING CONDITIONS
MIN
NOM MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage at any bus terminal (separately or common mode) (1)
–7
12
V
VIH
High-level input voltage (Driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (Driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
IO
Output current, Driver
–60
60
mA
IO
Output current, Receiver
–8
8
mA
RL
Differential load resistance
54
60
Ω
CL
Differential load capacitance
50
pF
HVD72
250
kbps
Signaling rate
HVD75
20
Mbps
1/tUI
HVD78
50
Mbps
TA
(2)
Operating free-air temperature (See the application section for thermal information)
–40
125
°C
TJ
Junction Temperature
–40
150
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
Operation is specified for internal (junction) temperatures up to 150°C. Self-heating due to internal power dissipation should be
considered for each application. Maximum junction temperature is internally limited by the thermal shut-down (TSD) circuit which
disables the driver outputs when the junction temperature reaches 170°C.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD72DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DR TI1-SN65HVD72DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD72DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com