Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD72DGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD72DGKR
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD72DGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD72DGKR Datasheet HTML 4Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 5Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 6Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 7Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 8Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 9Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 10Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 11Page - Texas Instruments SN65HVD72DGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
50 W
V
O
RE
R
A
B
3 V
0 V or 3 V
V
CC
50%
50%
t
PZH(1)
t
PHZ
50%
90%
3 V
0 V
V
OH
» 0 V
V
O
C = 15 pF 20%
L
±
C Includes Fixture
and Instrumentation
Capacitance
L
V
I
DE
D
1 k
1%
W ±
V
I
S1
D at 3 V
S1 to GND
t
PZL(1)
t
PLZ
50%
10%
V
CC
V
OL
V
O
D at 0 V
S1 to V
CC
Input
Generator
S0307-01
SN65HVD72
SN65HVD75
SN65HVD78
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Measurement of Receiver Enable/Disable Times with Driver Enabled
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD72DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DR TI1-SN65HVD72DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD72DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com