Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62P25LN6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST62P25LN6
Description  8-bit MCUs with A/D converter
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST62P25LN6 Datasheet HTML 4Page - STMicroelectronics ST62P25LN6 Datasheet HTML 5Page - STMicroelectronics ST62P25LN6 Datasheet HTML 6Page - STMicroelectronics ST62P25LN6 Datasheet HTML 7Page - STMicroelectronics ST62P25LN6 Datasheet HTML 8Page - STMicroelectronics ST62P25LN6 Datasheet HTML 9Page - STMicroelectronics ST62P25LN6 Datasheet HTML 10Page - STMicroelectronics ST62P25LN6 Datasheet HTML 11Page - STMicroelectronics ST62P25LN6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
ST6215C ST6225C
8/105
Legend / Abbreviations for Table 1:
I = input, O = output, S = supply, IPU = input pull-up
The input with pull-up configuration (reset state) is valid as long as the user software does not change it.
Refer to Section 8 "I/O PORTS" on page 38 for more details on the software configuration of the I/O ports.
14
PB5/Ain
I/O
Pin B5 (IPU)
Analog input
15
PB4/Ain
I/O
Pin B4 (IPU)
Analog input
16
PB3/Ain
I/O
Pin B3 (IPU)
Analog input
17
PB2/Ain
I/O
Pin B2 (IPU)
Analog input
18
PB1/Ain
I/O
Pin B1 (IPU)
Analog input
19
PB0/Ain
I/O
Pin B0 (IPU)
Analog input
20
PA7/Ain
I/O
Pin A7 (IPU)
Analog input
21
PA6/Ain
I/O
Pin A6 (IPU)
Analog input
22
PA5/Ain
I/O
Pin A5 (IPU)
Analog input
23
PA4/Ain
I/O
Pin A4 (IPU)
Analog input
24
PA3/ 20mA Sink
I/O
Pin A3 (IPU)
25
PA2/ 20mA Sink
I/O
Pin A2 (IPU)
26
PA1/ 20mA Sink
I/O
Pin A1 (IPU)
27
PA0/ 20mA Sink
I/O
Pin A0 (IPU)
28
VSS
S
Ground
Pin n°
Pin Name
Main Function
(after Reset)
Alternate Function
6


Similar Part No. - ST62P25LN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62P25LN6 STMICROELECTRONICS-ST62P25LN6 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62P25LN6/CCC STMICROELECTRONICS-ST62P25LN6/CCC Datasheet
1Mb / 105P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62P25LN6/CCC STMICROELECTRONICS-ST62P25LN6/CCC Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
More results

Similar Description - ST62P25LN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62T10 STMICROELECTRONICS-ST62T10 Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
   8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com