Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD78DGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD78DGKR
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD78DGKR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD78DGKR Datasheet HTML 1Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 2Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 3Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 4Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 5Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 6Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 7Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 8Page - Texas Instruments SN65HVD78DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SN65HVD72
SN65HVD75
SN65HVD78
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60 Ω, 375 Ω on each output to
See
1.5
2
V
-7 V to 12 V
Figure 1
Driver differential output voltage
|VOD|
RL = 54 Ω (RS-485)
1.5
2
V
magnitude
RL = 100 Ω (RS-422) TJ ≥ 0°C,
2
2.5
V
VCC ≥ 3.2V
Change in magnitude of driver
Δ|VOD|
RL = 54 Ω, CL = 50 pF
–50
0
50
mV
differential output voltage
See
Steady-state common-mode output
Figure 2
VOC(SS)
1
VCC/2
3
V
voltage
Change in differential driver output
ΔVOC
Center of two 27-
Ω load resistors
–50
0
50
mV
common-mode voltage
Peak-to-peak driver common-mode
VOC(PP)
200
mV
output voltage
COD
Differential output capacitance
15
pF
Positive-going receiver differential
VIT+
See (1)
–70
–20
mV
input voltage threshold
Negative-going receiver differential
VIT–
–200
–150
See (1)
mV
input voltage threshold
Receiver differential input voltage
VHYS
50
80
mV
threshold hysteresis (VIT+ – VIT–)
VOH
Receiver high-level output voltage
IOH = –8 mA
2.4
VCC–0.3
V
VOL
Receiver low-level output voltage
IOL = 8 mA
0.2
0.4
V
Driver input, driver enable, and
II
–2
2
µA
receiver enable input current
Receiver output high-impedance
IOZ
VO = 0 V or VCC, RE at VCC
–1
1
µA
current
IOS
Driver short-circuit output current
–160
160
mA
VI = 12 V
75
150
µA
HVD72, 75
VI = –7 V
–100
–40
µA
VCC = 3 to 3.6 V or
II
Bus input current (disabled driver)
VCC = 0 V, DE at 0 V
VI = 12 V
240
333
µA
HVD78
VI = –7 V
–267
–180
µA
Driver and Receiver
DE=VCC, RE=GND, No
750
950
µA
enabled
load
Driver enabled,
DE=VCC, RE=VCC, No
300
500
µA
receiver disabled
load
ICC
Supply current (quiescent)
Driver disabled,
DE=GND, RE=GND, No
600
800
µA
receiver enabled
load
Driver and receiver
DE=GND, D=open
0.1
2
µA
disabled
RE=VCC, No load
Supply current (dynamic)
See the TYPICAL CHARACTERISTICS section
(1)
Under any specific conditions, VIT+ is assured to be at least VHYS higher than VIT-.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD78DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD78D TI1-SN65HVD78D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD78DR TI1-SN65HVD78DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD78DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com