Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC179ADR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC179ADR
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179ADR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC179ADR Datasheet HTML 4Page - Texas Instruments SN75LBC179ADR Datasheet HTML 5Page - Texas Instruments SN75LBC179ADR Datasheet HTML 6Page - Texas Instruments SN75LBC179ADR Datasheet HTML 7Page - Texas Instruments SN75LBC179ADR Datasheet HTML 8Page - Texas Instruments SN75LBC179ADR Datasheet HTML 9Page - Texas Instruments SN75LBC179ADR Datasheet HTML 10Page - Texas Instruments SN75LBC179ADR Datasheet HTML 11Page - Texas Instruments SN75LBC179ADR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VI − Input Voltage − V
−600
−400
−200
0
200
400
600
800
−8
−6
−4
−2
0
2
4
6
8
10
12
Bus Input Current
IOL − Low-Level Output Current − mA
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
10
20
30
40
50
60
70
80
VCC = 5
1.5
1
0.5
0
−40
0
25
70
85
2
Average Case Temperature − C
°
3.5
3
2.5
2
0
−10
−20
−30
−40
−50
−60
4
4.5
I
− High-Level Output Current − (mA)
5
−70
−80
OH
1.5
1
0.5
0
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
SN65LBC179A
SN75LBC179A
SLLS377D
– MAY 2000 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
INPUT CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 8.
Figure 9.
DRIVER HIGH-LEVEL OUTPUT VOLTAGE
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
AVERAGE CASE TEMPERATURE
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright
© 2000–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65LBC179A SN75LBC179A


Similar Part No. - SN75LBC179ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179ADR TI1-SN75LBC179ADR Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179ADRG4 TI1-SN75LBC179ADRG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC179ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com