Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6173081S-15 Datasheet(PDF) 6 Page - AMIC Technology

Part # A6173081S-15
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A6173081S-15 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A6173081S-15 Datasheet HTML 2Page - AMIC Technology A6173081S-15 Datasheet HTML 3Page - AMIC Technology A6173081S-15 Datasheet HTML 4Page - AMIC Technology A6173081S-15 Datasheet HTML 5Page - AMIC Technology A6173081S-15 Datasheet HTML 6Page - AMIC Technology A6173081S-15 Datasheet HTML 7Page - AMIC Technology A6173081S-15 Datasheet HTML 8Page - AMIC Technology A6173081S-15 Datasheet HTML 9Page - AMIC Technology A6173081S-15 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
A6173081 Series
PRELIMINARY
(July, 2000, Version 0.0)
5
AMIC Technology, Inc.
AC Characteristics (continued)
Symbol
Parameter
A6173081-12
A6173081-15
Unit
Min.
Max.
Min.
Max.
Write Cycle
tWC
Write Cycle Time
12
-
15
-
ns
tCW
Chip Enable to End of Write
10
-
12
-
ns
tAS
Address Setup Time of Write
0
-
0
-
ns
tAW
Address Valid to End of Write
10
-
12
-
ns
tWP
Write Pulse Width
10
-
12
-
ns
tWR
Write Recovery Time
0
-
0
-
ns
tWHZ
Write to Output in High Z
0
6
0
8
ns
tDW
Data to Write Time Overlap
6
-
7
-
ns
tDH
Data Hold from Write Time
0
-
0
-
ns
tOW
Output Active from End of Write
3
-
3
-
ns
Notes: tCHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not
referred to output voltage levels.
Timing Waveforms
Read Cycle 1
(1)
tRC
Address
DOUT
tAA
tOE
tOLZ5
tACE
tCLZ5
tCHZ5
tOH
OE
tOHZ5
CE


Similar Part No. - A6173081S-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S AMICC-A617308S Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-10 AMICC-A617308S-10 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-12 AMICC-A617308S-12 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-15 AMICC-A617308S-15 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A6173081S-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com